Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT11620N Datasheet(PDF) 3 Page - Texas Instruments

Part # 74ACT11620N
Description  OCTAL TRANSCEIVER WITH DUAL ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11620N Datasheet(HTML) 3 Page - Texas Instruments

  74ACT11620N Datasheet HTML 1Page - Texas Instruments 74ACT11620N Datasheet HTML 2Page - Texas Instruments 74ACT11620N Datasheet HTML 3Page - Texas Instruments 74ACT11620N Datasheet HTML 4Page - Texas Instruments 74ACT11620N Datasheet HTML 5Page - Texas Instruments 74ACT11620N Datasheet HTML 6Page - Texas Instruments 74ACT11620N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
74AC11620
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS062A − JULY 1987 − REVISED APRIL 1993
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5
5.5
V
VCC = 3 V
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VIH
High-level input voltage
VCC = 5.5 V
3.85
V
VCC = 3 V
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VIL
Low-level input voltage
VCC = 5.5 V
1.65
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 3 V
−4
IOH
High-level output current
VCC = 4.5 V
−24
mA
IOH
High-level output current
VCC = 5.5 V
−24
mA
VCC = 3 V
12
IOL
Low-level output current
VCC = 4.5 V
24
mA
IOL
Low-level output current
VCC = 5.5 V
24
mA
∆t/∆v
Input transition rise or fall rate
OEBA or OEAB
0
5
ns/V
∆t/∆v
Input transition rise or fall rate
A or B
0
10
ns/V
TA
Operating free-air temperature
−40
85
°C


Similar Part No. - 74ACT11620N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ACT11620N PHILIPS-74ACT11620N Datasheet
178Kb / 7P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74ACT11620N TI1-74ACT11620N Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
74ACT11620NT TI1-74ACT11620NT Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
74ACT11620NT TI1-74ACT11620NT Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11620N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11620 PHILIPS-74AC11620 Datasheet
178Kb / 7P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11623 TI1-74AC11623_09 Datasheet
108Kb / 6P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
74ACT11620 TI1-74ACT11620_10 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74AC11623 PHILIPS-74AC11623 Datasheet
326Kb / 12P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74ACT11623 TI1-74ACT11623_15 Datasheet
473Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
logo
ON Semiconductor
MC74LCX652 ONSEMI-MC74LCX652 Datasheet
177Kb / 9P
   LOW.VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
1996 REV 1
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com