Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CER0349B Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0349B
Description  Surface mount, silver (Ag) coated barium ceramic filter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0349B Datasheet(HTML) 1 Page - CTS Corporation

  CER0349B Datasheet HTML 1Page - CTS Corporation CER0349B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0349B
3500 MHz BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X1
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Features
• Small Size
• Low Ripple
• High Rejection
Description
Surface mount, silver (Ag) coated barium
ceramic filter.
Weight: 1.0 grams typical.
Material: Filter is composed of a ceramic
block plated with Ag.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to
measurement repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Rev 2 – Origin Date: April 10, 2006 – Revision Date: May 9, 2007
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other
US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Parameter
Frequency
MHz
Typical
@ 25ºC
Specification
@ 25ºC
Spec over
-40ºC to +85ºC
Passband Iloss
3400 - 3600
-1.20
-1.70
-2.00
Passband Ripple
3400 - 3600
0.60
1.00
1.00
Passband Return Loss @ Port 1
3400 - 3600
-15.00
-12.00
-12.00
Passband Return Loss @ Port 2
3400 - 3600
-15.00
-12.00
-12.00
Attenuation
0.1 - 3240
-30.00
-28.00
-28.00
3760 -6000
-30.00
-28.00
-28.00
Power into any port
2 Watt max


Similar Part No. - CER0349B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0349D CTS-CER0349D Datasheet
73Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0349E CTS-CER0349E Datasheet
79Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
More results

Similar Description - CER0349B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0454B CTS-CER0454B Datasheet
75Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0468A CTS-CER0468A Datasheet
208Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0671D CTS-CER0671D Datasheet
293Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0818B CTS-CER0818B Datasheet
161Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0533A CTS-CER0533A Datasheet
214Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0534B CTS-CER0534B Datasheet
66Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0368A CTS-CER0368A Datasheet
66Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0369A CTS-CER0369A Datasheet
94Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0408A CTS-CER0408A Datasheet
65Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0421C CTS-CER0421C Datasheet
120Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0528B CTS-CER0528B Datasheet
66Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com