Electronic Components Datasheet Search |
|
MKP18390.1322631R Datasheet(PDF) 2 Page - Vishay Siliconix |
|
MKP18390.1322631R Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 12 page MKP1839 www.vishay.com Vishay Roederstein Revision: 10-Dec-13 2 Document Number: 26022 For technical questions, contact: dc-film@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 COMPOSITION OF CATALOG NUMBER Note (1) For detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 or end of catalog SPECIFIC REFERENCE DATA DESCRIPTION VALUE Tangent of loss angle: at 1 kHz at 10 kHz at 100 kHz C 0.1 μF 4 x 10-4 6 x 10-4 40 x 10-4 0.1 μF < C 1.0 μF 4 x 10-4 6 x 10-4 - C > 1.0 μF 10 x 10-4 -- CAPACITOR LENGTH (mm) MAXIMUM PULSE RISE TIME (dU/dt)R [V/μs] 160 VDC 250 VDC 400 VDC 630 VDC 11 240 300 515 700 14 175 220 380 510 19 100 125 200 280 26.5 60 75 120 160 31.5 45 60 95 120 41.5 30 40 65 85 If the maximum pulse voltage is less than the rated voltage higher dU/dt values can be permitted. R between leads, for C 0.33 μF at 100 V, 1 min > 100 000 M RC between leads, for C > 0.33 μF at 100 V, 1 min > 30 000 s R between leads and case, 100 V, 1 min > 30 000 m Withstanding (DC) voltage between leads and wrapped film (1.4 x URAC + 2000) 2840 V, 1 min Withstanding (DC) voltage (cut off current 10 mA), rise time 100 V/s 1.6 x URDC, 1 min Maximum application temperature 100 °C MKP 1839 X XX 16 X X CAPACITANCE (numerically) Example: 468 = 680 nF MULTIPLIER (nF) 0.1 2 13 10 4 100 5 TYPE SPECIAL LETTER FOR TAPED Bulk R Reel G Ammopack VOLTAGE (VDC) 16 = 160 V 25 = 250 V 40 = 400 V 63 = 630 V TOLERANCE 1 ± 1 % 2 ± 2 % 3 ± 2.5 % 4 ± 5 % 5 ± 10 % |
Similar Part No. - MKP18390.1322631R |
|
Similar Description - MKP18390.1322631R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |