Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N1487 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N1487
Description  NPN SILICON HIGH POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N1487 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N1487 Datasheet HTML 1Page - Microsemi Corporation 2N1487 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN SILICON HIGH POWER TRANSISTOR
Qualified per MIL-PRF-19500/208
Devices
Qualified Level
2N1487
2N1488
2N1489
2N1490
MAXIMUM RATINGS
Ratings
Symbol
2N1487
2N1498
2N1488
2N1490
Unit
Collector-Emitter Voltage
VCEO
40
55
Vdc
Collector-Base Voltage
VCBO
60
100
Vdc
Collector-Emitter Voltage
VCEX
60
100
Vdc
Emitter-Base Voltage
VEBO
10
Vdc
Base Current
IB
3.0
Adc
Collector Current
IC
6.0
Adc
Total Power Dissipation
@ TC = 25
0C (1)
PT
75
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
2.33
0C/W
1) Derate linearly @ 0.429 W/
0C for TC > 250C
TO-33*
(TO-204AA)
*See Appendix A for
Package Outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 100 mAdc
2N1487, 2N1489
2N1488, 2N1490
V(BR)CEO
40
55
Vdc
Collector-Emitter Breakdown Voltage
IC = 200 µAdc
2N1487, 2N1489
2N1488, 2N1490
V(BR)CBO
60
100
Vdc
Collector-Emitter Breakdown Voltage
IC = 0.5 mAdc, VEB = 1.5 Vdc
2N1487, 2N1489
2N1488, 2N1490
V(BR)CEX
60
100
Vdc
Collector-Base Cutoff Current
VCB = 30 Vdc
ICBO
25
µAdc
Emitter-Base Cutoff Current
VEB = 10 Vdc
IEBO
25
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N1487

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N1487 ETC1-2N1487 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

Similar Description - 2N1487

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
June 1997
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
   HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
   HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
   HIGH POWER NPN SILICON TRANSISTOR
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
   HIGH-POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
   NPN High Power Silicon Transistor
logo
ON Semiconductor
2N5882 ONSEMI-2N5882 Datasheet
98Kb / 8P
   Silicon NPN High-Power Transistor
March, 2001 ??Rev. 2
logo
STMicroelectronics
BUT70 STMICROELECTRONICS-BUT70 Datasheet
62Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
BUX10 STMICROELECTRONICS-BUX10 Datasheet
63Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com