Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE15A Datasheet(PDF) 5 Page - ON Semiconductor

Part # 1.5KE15A
Description  1500 Watt MosorbE Zener Transient Voltage Transient Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1.5KE15A Datasheet(HTML) 5 Page - ON Semiconductor

  1.5KE15A Datasheet HTML 1Page - ON Semiconductor 1.5KE15A Datasheet HTML 2Page - ON Semiconductor 1.5KE15A Datasheet HTML 3Page - ON Semiconductor 1.5KE15A Datasheet HTML 4Page - ON Semiconductor 1.5KE15A Datasheet HTML 5Page - ON Semiconductor 1.5KE15A Datasheet HTML 6Page - ON Semiconductor 1.5KE15A Datasheet HTML 7Page - ON Semiconductor 1.5KE15A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1N6267A Series
http://onsemi.com
5
1N6373, ICTE-5, MPTE-5,
through
1N6389, ICTE-45, C, MPTE-45, C
1.5KE6.8CA
through
1.5KE200CA
Figure 6. Dynamic Impedance
1000
500
200
100
50
20
10
5
2
1
1000
500
200
100
50
20
10
5
2
1
0.3
0.5 0.7 1
2
3
5
7 10
20 30
DVBR, INSTANTANEOUS INCREASE IN VBR ABOVE VBR(NOM) (VOLTS)
0.3
0.5 0.7 1
2
3
5
7 10
20 30
DVBR, INSTANTANEOUS INCREASE IN VBR ABOVE VBR(NOM) (VOLTS)
VBR(NOM) =6.8 to 13V
TL =25°C
tP =10 ms
VBR(NOM) =6.8 to 13V
20V
24V
43V
75V
180V
120V
20V
24V
43V
Figure 7. Typical Derating Factor for Duty Cycle
1 ms
10 ms
1
0.7
0.5
0.3
0.05
0.1
0.2
0.01
0.02
0.03
0.07
100 ms
0.1
0.2
0.5
2
5
10
50
1
20
100
D, DUTY CYCLE (%)
PULSE WIDTH
10 ms
TL =25°C
tP =10 ms
APPLICATION NOTES
RESPONSE TIME
In most applications, the transient suppressor device is
placed in parallel with the equipment or component to be
protected. In this situation, there is a time delay associated
with the capacitance of the device and an overshoot
condition associated with the inductance of the device and
the inductance of the connection method. The capacitance
effect is of minor importance in the parallel protection
scheme because it only produces a time delay in the
transition from the operating voltage to the clamp voltage as
shown in Figure 8.
The inductive effects in the device are due to actual
turn-on time (time required for the device to go from zero
current to full current) and lead inductance. This inductive
effect produces an overshoot in the voltage across the
equipment or component being protected as shown in
Figure 9. Minimizing this overshoot is very important in the
application, since the main purpose for adding a transient
suppressor is to clamp voltage spikes. These devices have
excellent response time, typically in the picosecond range
and negligible inductance. However, external inductive
effects could produce unacceptable overshoot. Proper
circuit layout, minimum lead lengths and placing the
suppressor device as close as possible to the equipment or
components to be protected will minimize this overshoot.
Some input impedance represented by Zin is essential to
prevent overstress of the protection device. This impedance
should be as high as possible, without restricting the circuit
operation.
DUTY CYCLE DERATING
The data of Figure 1 applies for non-repetitive conditions
and at a lead temperature of 25
°C. If the duty cycle increases,
the peak power must be reduced as indicated by the curves
of Figure 7. Average power must be derated as the lead or


Similar Part No. - 1.5KE15A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
1.5KE15A UNIOHM-1.5KE15A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1.5KE15A NJSEMI-1.5KE15A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE15A NJSEMI-1.5KE15A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
HY ELECTRONIC CORP.
1.5KE15A HY-1.5KE15A Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Transys Electronics
1.5KE15A TRSYS-1.5KE15A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE15A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com