Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS820 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS820
Description  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS820 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS820_13 Datasheet HTML 4Page - Texas Instruments ADS820_13 Datasheet HTML 5Page - Texas Instruments ADS820_13 Datasheet HTML 6Page - Texas Instruments ADS820_13 Datasheet HTML 7Page - Texas Instruments ADS820_13 Datasheet HTML 8Page - Texas Instruments ADS820_13 Datasheet HTML 9Page - Texas Instruments ADS820_13 Datasheet HTML 10Page - Texas Instruments ADS820_13 Datasheet HTML 11Page - Texas Instruments ADS820_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
ADS820
8
SBAS037B
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, Sampling Rate = 20MHz, with a 50% duty cycle clock having a 2ns rise/fall time, unless otherwise noted.
GAIN ERROR vs TEMPERATURE
Temperature (
°C)
–0.05
–0.55
–1.05
–1.55
–50
–25
0
25
50
75
100
OFFSET ERROR vs TEMPERATURE
Temperature (
°C)
–1.75
–2.0
–2.25
–2.50
–50
–25
0
25
50
75
100
TRACK-MODE SMALL-SIGNAL INPUT BANDWIDTH
Frequency (Hz)
10k
1
0
–1
–2
–3
–4
–5
100k
1M
10M
100M
1G
OUTPUT NOISE HISTOGRAM (NO SIGNAL)
1.2M
1M
0.8M
0.6M
0.4M
0.2M
0.0
Code
N – 2N – 1
N
N + 1
N + 2


Similar Part No. - ADS820_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS820E1K TI1-ADS820E1K Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS820_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com