Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS822 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS822
Description  ANALOG-TO-DIGITAL CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS822 Datasheet(HTML) 4 Page - Texas Instruments

  ADS822_15 Datasheet HTML 1Page - Texas Instruments ADS822_15 Datasheet HTML 2Page - Texas Instruments ADS822_15 Datasheet HTML 3Page - Texas Instruments ADS822_15 Datasheet HTML 4Page - Texas Instruments ADS822_15 Datasheet HTML 5Page - Texas Instruments ADS822_15 Datasheet HTML 6Page - Texas Instruments ADS822_15 Datasheet HTML 7Page - Texas Instruments ADS822_15 Datasheet HTML 8Page - Texas Instruments ADS822_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADS822, ADS825
4
SBAS069B
TIMING DIAGRAM
5 Clock Cycles
Data Invalid
t
D
t
L
t
H
t
CONV
N–5N–4N–3N–2N–1
N
N+1
N+2
Data Out
Clock
Analog In
N
t
2
N+1
N+2
N+3
N+4
N+5
N+6
N+7
t
1
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCONV
Convert Clock Period
25
100
µsns
tL
Clock Pulse Low
11.5
12.5
ns
tH
Clock Pulse High
11.5
12.5
ns
tD
Aperture Delay
3
ns
t1
Data Hold Time, CL = 0pF
3.9
ns
t2
New Data Delay Time, CL = 15pF max
12
ns
PIN
DESIGNATOR
DESCRIPTION
1
GND
Ground
2
Bit 1
Data Bit 1 (D9) (MSB)
3
Bit 2
Data Bit 2 (D8)
4
Bit 3
Data Bit 3 (D7)
5
Bit 4
Data Bit 4 (D6)
6
Bit 5
Data Bit 5 (D5)
7
Bit 6
Data Bit 6 (D4)
8
Bit 7
Data Bit 7 (D3)
9
Bit 8
Data Bit 8 (D2)
10
Bit 9
Data Bit 9 (D1)
11
Bit 10
Data Bit 10 (D0) (LSB)
12
OE
Output Enable. HI = high impedance state
LO = normal operation (internal pull-down
resistor)
13
PD
Power Down. HI = enable; LO = disable
14
CLK
Convert Clock Input
15
+VS
+5V Supply
16
GND
Ground
17
RSEL
Input Range Select. HI = 2V; LO = 1V
18
INT/EXT
Reference Select. HI = external, LO = internal
19
REFB
Bottom Reference
20
ByB
Bottom Ladder Bypass
21
ByT
Top Ladder Bypass
22
REFT
Top Reference
23
CM
Common-Mode Voltage Output
24
IN
Complementary Input (–)
25
IN
Analog Input (+)
26
GND
Analog Ground
27
+VS
+5V Supply
28
VDRV
Output Logic Driver Supply Voltage
PIN DESCRIPTIONS
Top View
SSOP
PIN CONFIGURATION
GND
Bit 1 (MSB)
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10 (LSB)
OE
PD
CLK
VDRV
+V
S
GND
IN
IN
CM
REFT
ByT
ByB
REFB
INT/EXT
RSEL
GND
+V
S
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS822
ADS825


Similar Part No. - ADS822_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS822E BURR-BROWN-ADS822E Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS822E/1K BURR-BROWN-ADS822E/1K Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS822_15

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com