Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS807EG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS807EG4
Description  ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS807EG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS807EG4 Datasheet HTML 3Page - Texas Instruments ADS807EG4 Datasheet HTML 4Page - Texas Instruments ADS807EG4 Datasheet HTML 5Page - Texas Instruments ADS807EG4 Datasheet HTML 6Page - Texas Instruments ADS807EG4 Datasheet HTML 7Page - Texas Instruments ADS807EG4 Datasheet HTML 8Page - Texas Instruments ADS807EG4 Datasheet HTML 9Page - Texas Instruments ADS807EG4 Datasheet HTML 10Page - Texas Instruments ADS807EG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ADS807
7
SBAS072A
www.ti.com
SPECTRAL PERFORMANCE
(Sampling Frequency = 53MHz)
Frequency (MHz)
0
5.3
10.6
15.9
21.2
26.5
0
–20
–40
–60
–80
–100
f
IN = 21MHz
SNR = 68dBFS
SFDR = 72dBFS
SWEPT POWER SFDR
Input Amplitude (dBFS)
0
–10
–20
–30
–40
–50
–60
100
80
60
40
20
0
f
IN = 10MHz
dBc
dBFS
UNDERSAMPLING
(Sampling Frequency = 27MHz)
Frequency (MHz)
0
4.5
9.0
13.5
0
–20
–40
–60
–80
–100
f
IN = 50MHz
SNR = 65dBFS
SFDR = 73dBFS
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, differential input range = 2V to 3V, sampling rate = 50MHz, and internal reference, unless otherwise noted.
DYNAMIC PERFORMANCE
vs SAMPLING FREQUENCY
(Differential Input)
Sampling Frequency (MHz)
90
85
80
75
70
65
60
35
40
45
50
55
60
SNR (3Vp-p)
SNR (2Vp-p)
SFDR (2Vp-p)
SFDR (3Vp-p)
f
IN = 5MHz
SINAD vs SAMPLING FREQUENCY
(Differential Input)
Sampling Frequency (MHz)
75
70
65
60
55
35
40
45
50
55
60
3Vp-p
2Vp-p
f
IN = 5MHz
800k
600k
400k
200k
0
OUTPUT NOISE HISTOGRAM (DC INPUT)
N – 2N – 1
N
N + 1
N + 2
Code
3V Full-Scale


Similar Part No. - ADS807EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS807EG4 TI1-ADS807EG4 Datasheet
857Kb / 22P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS807EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com