Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS824E Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS824E
Description  ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS824E Datasheet(HTML) 5 Page - Texas Instruments

  ADS824E Datasheet HTML 1Page - Texas Instruments ADS824E Datasheet HTML 2Page - Texas Instruments ADS824E Datasheet HTML 3Page - Texas Instruments ADS824E Datasheet HTML 4Page - Texas Instruments ADS824E Datasheet HTML 5Page - Texas Instruments ADS824E Datasheet HTML 6Page - Texas Instruments ADS824E Datasheet HTML 7Page - Texas Instruments ADS824E Datasheet HTML 8Page - Texas Instruments ADS824E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ADS824
5
SBAS076A
SPECTRAL PERFORMANCE
(Single-Ended Input, 1Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
8.25
17.5
25.75
35
f
IN = 10MHz
SNR = 55.7dBFS
SFDR = 69.7dBFS
SPECTRAL PERFORMANCE
(Differential Input, 2Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
8.25
17.5
25.75
35
f
IN = 20MHz
SNR = 59dBFS
SFDR = 69dBFS
SPECTRAL PERFORMANCE
(Single-Ended Input, 1Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
8.25
17.5
25.75
35
f
IN = 20MHz
SNR = 55dBFS
SFDR = 69dBFS
SPECTRAL PERFORMANCE
(Differential Input, 2Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
8.25
17.5
25.75
35
f
IN = 10MHz
SNR = 59dBFS
SFDR = 73dBFS
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
8.25
17.5
25.75
35
f
IN = 20MHz
TYPICAL CHARACTERISTICS
At TA = full specified temperature range, VS = +5V, single-ended input range = 1.5V to 3.5V, and sampling rate = 70MHz, external reference, unless otherwise noted.
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
8.5
17.5
25.75
35
f
IN = 10MHz


Similar Part No. - ADS824E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS824E BURR-BROWN-ADS824E Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS824E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com