Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS824E Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS824E
Description  ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS824E Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS824E Datasheet HTML 5Page - Texas Instruments ADS824E Datasheet HTML 6Page - Texas Instruments ADS824E Datasheet HTML 7Page - Texas Instruments ADS824E Datasheet HTML 8Page - Texas Instruments ADS824E Datasheet HTML 9Page - Texas Instruments ADS824E Datasheet HTML 10Page - Texas Instruments ADS824E Datasheet HTML 11Page - Texas Instruments ADS824E Datasheet HTML 12Page - Texas Instruments ADS824E Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ADS824
9
SBAS076A
FIGURE 2. AC-Coupled Input Configuration for a 2Vp-p Full-Scale Range and a Common-Mode Voltage, VCM, at +2.5V Derived
From The Internal Top (REFT) and Bottom Reference (REFB).
FIGURE 3. AC-Coupling the Dual Supply Amplifier OPA642 to the ADS823 for a 2Vp-p Full-Scale Input Range.
For applications requiring the driving amplifier to provide a
signal amplification, with a gain
≥ 5, consider using decom-
pensated voltage-feedback op amps, like the OPA643, or
current-feedback op amps like the OPA681 and OPA658.
DC-coupled with Level Shift
Several applications may require that the bandwidth of the
signal path include DC, in which case, the signal has to be
DC-coupled to the A/D converter. In order to accomplish
this, the interface circuit has to provide a DC level shift to
the analog input signal. The circuit shown in Figure 4
employs a dual op amp, A1, to drive the input of the
ADS824 and level shift the signal to be compatible with the
selected input range. With the RSEL pin tied to the supply
and the INT/EXT pin to ground, the ADS824 is configured
for a 2Vp-p input range and uses the internal references. The
complementary input (IN) may be appropriately biased
using the +2.5V common-mode voltage available at the
CM pin. One-half of amplifier A1 buffers the REFB pin and
drives the voltage divider R1, R2. Because of the op amp’s
noise gain of +2V/V, assuming RF = RIN, the common-mode
voltage (VCM) has to be re-scaled to +1.25. This results in
the correct DC level of +2.5V for the signal input (IN). Any
DC voltage differences between the IN and IN inputs of the
ADS824 effectively produces an offset, which can be cor-
rected for by adjusting the resistor values of the divider, R1
and R2. The selection criteria for a suitable op amp should
include the supply voltage, input bias current, output voltage
swing, distortion, and noise specification. Note that in this
example, the overall signal phase is inverted. To re-establish
the original signal polarity, it is always possible to inter-
change the IN and IN connections.
+V
IN
0V
–V
IN
OPA680
V
IN
R
F
402
1.0k
R
G
402
ADS824
R
S
50
10pF
0.1
µF
IN
IN
CM
INT/EXT
GND
REFT
+3.5V
1.0k
50
V
CM +2.5V
REFB
+1.5V
0.1
µF
0.1
µF
RSEL
+V
S
+5V
+5V
OPA642
V
IN
R
F
402
1.0k
R
G
402
ADS824
R
S
24.9
1.0k
100pF
0.1
µF
0.1
µF
IN
IN
CM
REFB
+1.5V
INT/EXT
GND
REFT
+3.5V
RSEL
+V
S
+5V
+5V
–5V


Similar Part No. - ADS824E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS824E BURR-BROWN-ADS824E Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS824E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com