Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS828EG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS828EG4
Description  ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS828EG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS828EG4 Datasheet HTML 1Page - Texas Instruments ADS828EG4 Datasheet HTML 2Page - Texas Instruments ADS828EG4 Datasheet HTML 3Page - Texas Instruments ADS828EG4 Datasheet HTML 4Page - Texas Instruments ADS828EG4 Datasheet HTML 5Page - Texas Instruments ADS828EG4 Datasheet HTML 6Page - Texas Instruments ADS828EG4 Datasheet HTML 7Page - Texas Instruments ADS828EG4 Datasheet HTML 8Page - Texas Instruments ADS828EG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ADS828
3
SBAS126A
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, single-ended input range = 1.5V to 3.5V, sampling rate = 75MHz, convert command clock = +3V, external reference unless
otherwise noted.
CMOS
Straight Offset Binary
ADS828E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS
Logic Family
TTL, +3V/5V CMOS Compatible
Convert Command
Start Conversion
Rising Edge of Convert Clock
High Level Input Current(5) (VIN = 5V)
100
µA
Low Level Input Current (VIN = 0V)
10
µA
High Level Input Voltage
+2.0
V
Low Level Input Voltage
+0.8
V
Input Capacitance
5pF
DIGITAL OUTPUTS
Logic Family
Logic Coding
Low Output Voltage (IOL = 50µA)
VDRV = 5V
+0.1
V
Low Output Voltage, (IOL = 1.6mA)
+0.2
V
High Output Voltage, (IOH = 50µA)
+4.9
V
High Output Voltage, (IOH = 0.5mA)
+4.8
V
Low Output Voltage (IOL = 50µA)
VDRV = 3V
+0.1
V
High Output Voltage, (IOH = 50µA)
+2.8
V
3-State Enable Time
OE = L
20
40
ns
3-State Disable Time
OE = H
2
10
ns
Output Capacitance
5pF
ACCURACY (Internal Reference, 2Vp-p, Unless Otherwise Noted)
fS = 2.5MHz
Zero Error (Referred to –FS)
at 25
°C
±0.5
±3.0
%FS
Zero Error Drift (Referred to –FS)
1.5
ppm/
°C
Midscale Offset Error
at 25
°C
±0.29
%FS
Gain Error(6)
at 25
°C
±1.5
±2.5
%FS
Gain Error Drift(6)
32.3
ppm/
°C
Gain Error(7)
at 25
°C
±0.75
±1.5
%FS
Gain Error Drift(7)
4.6
ppm/
°C
Power Supply Rejection of Gain
∆ V
S = ±5%
68
dB
REFT Tolerance
Deviation from Ideal 3.5V
±10
±25
mV
REFB Tolerance
Deviation From Ideal 1.5V
±10
±25
mV
External REFT Voltage Range
REFB + 0.8
3.5
VS – 1.25
V
External REFB Voltage Range
1.25
1.5
REFT – 0.8
V
Reference Input Resistance
1.6
k
POWER SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
+4.75
+5.0
+5.25
V
Supply Current: +IS
Operating
68
mA
Output Driver Supply Current (VDRV)
9mA
Power Dissipation: VDRV = 5V
External Reference
340
385
mW
VDRV = 3V
External Reference
325
mW
VDRV = 5V
Internal Reference
355
mW
VDRV = 3V
Internal Reference
345
mW
Power Down
Operating
20
mW
Thermal Resistance,
θ
JA
SSOP-28
89
°C/W
NOTES: (1) Spurious Free Dynamic Range refers to the magnitude of the largest harmonic. (2) dBFS means dB relative to Full Scale. (3) Two-tone
intermodulation distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the two-tone fundamental
envelope. (4) Effective number of bits (ENOB) is defined by (SINAD – 1.76 ) / 6.02. (5) A 50k
Ω pull-down resistor is inserted internally. (6) Includes internal
reference. (7) Excludes internal reference.


Similar Part No. - ADS828EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS828E BURR-BROWN-ADS828E Datasheet
172Kb / 12P
   10-Bit, 75MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS828EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com