Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7815UG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7815UG4
Description  ANALOG-to-DIGITAL CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7815UG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7815UG4 Datasheet HTML 2Page - Texas Instruments ADS7815UG4 Datasheet HTML 3Page - Texas Instruments ADS7815UG4 Datasheet HTML 4Page - Texas Instruments ADS7815UG4 Datasheet HTML 5Page - Texas Instruments ADS7815UG4 Datasheet HTML 6Page - Texas Instruments ADS7815UG4 Datasheet HTML 7Page - Texas Instruments ADS7815UG4 Datasheet HTML 8Page - Texas Instruments ADS7815UG4 Datasheet HTML 9Page - Texas Instruments ADS7815UG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADS7815
6
SBAS065B
www.ti.com
TIMING
The timing shown in Figure 2 and Table II is the recom-
mended method of operating the ADS7815. The falling edge
of CS initiates the conversion. During the conversion, the
digital outputs are tri-stated and BUSY is LOW. Near the
end of the conversion, the digital outputs become active with
the most recent conversion result. After a brief delay (see
time t11 in Figure 2 and Table II), BUSY rises. The rising
edge of BUSY is used to latch the digital result in Figure 1.
R/C AND CS
The R/C (read/convert) and CS signals control the start of
conversion and, when a conversion is not in progress, the
status of the digital outputs D15 through D0. It is possible to
start a conversion by taking CS LOW and then taking R/C
LOW. However, this is not recommended and will result in
a significant decrease in signal-to-noise ratio. This is due to
FIGURE 3. Bus Timing.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
CS to R/C Delay
200
ns
t2
CS to BUSY Delay
40
ns
t3
Aperture Delay
40
ns
t4
BUSY LOW
3.3
µs
t5
R/C LOW to CS LOW
100
ns
t6
BUSY HIGH to CS HIGH
250
ns
t7
Bus Access Time
10
83
ns
t8
Bus Relinquish Time
83
ns
t9
Throughput Time
4
µs
t10
Conversion Time
3.3
µs
t11
Data Valid to BUSY HIGH
25
35
ns
t12
CS to R/C Setup Time
40
ns
TABLE II. Conversion Timing.
FIGURE 2. ADS7815 Timing.
t
12
CS
R/C
t
7
t
8
Hi-Z State
D15 - D0
Hi-Z State
MODE
Acquire
DataValid
CS
t
9
t
6
t
5
BUSY
t
4
R/C
t
1
t
2
Hi-Z State
D15 - D0
t
11
t
8
Hi-Z State
Acquire
MODE
Convert
t
10
t
3
Acquire
DataValid
the digital outputs tri-stating while the sample and hold
transitions to the hold mode. The change in digital outputs
results in noise being coupled onto the hold capacitor.
If a conversion is not in progress or is just about to finish, the
digital outputs will be active when R/C is HIGH and CS is
LOW. This is shown in Figure 2 and Figure 3. It is possible
to return CS HIGH during the initial part of the conversion
(as is done with R/C) and prevent the digital outputs from
becoming active. At a later time, the digital results could be
read by taking CS LOW. It is also possible to leave R/C
LOW, take CS HIGH during the conversion, and read the
results at a later time by taking R/C HIGH and CS LOW.
Following a conversion, if R/C and CS are both LOW 250ns
after BUSY rises, then a new conversion will be initiated
without allowing the proper acquisition period for the sample
and hold. R/C must remain HIGH or CS must be taken
HIGH within 250ns of BUSY rising.


Similar Part No. - ADS7815UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7815U BURR-BROWN-ADS7815U Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7815UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com