Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7842EB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7842EB
Description  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7842EB Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7842EB Datasheet HTML 6Page - Texas Instruments ADS7842EB Datasheet HTML 7Page - Texas Instruments ADS7842EB Datasheet HTML 8Page - Texas Instruments ADS7842EB Datasheet HTML 9Page - Texas Instruments ADS7842EB Datasheet HTML 10Page - Texas Instruments ADS7842EB Datasheet HTML 11Page - Texas Instruments ADS7842EB Datasheet HTML 12Page - Texas Instruments ADS7842EB Datasheet HTML 13Page - Texas Instruments ADS7842EB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADS7842
SBAS103C
10
www.ti.com
STARTING A CONVERSION
A conversion is initiated on the falling edge of the WR input,
with valid signals on A0, A1, and CS . The ADS7842 will
enter the conversion mode on the first rising edge of the
external clock following the WR pin going LOW. The ADS7842
will start the conversion on the 1st clock cycle. The MSB will
be approximated by the Capacitive Digital-to-Analog Con-
verter (CDAC) on the 1st clock cycle, the 2nd-MSB on the
2nd cycle, and so on until the LSB has been decided on the
12th clock cycle. The BUSY output will go LOW 20ns after
the falling edge of the WR pin. The BUSY output will return
HIGH just after the ADS7842 has finished a conversion and
the data will be valid on pins 7-13, 15-19. The rising edge of
BUSY can be used to latch the data. It is recommended that
the data be read immediately after each conversion. The
switching noise of the asynchronous data transfer can cause
digital feedthrough degrading the converter’s performance.
See Figure 2.
READING DATA
Data from the ADS7842 will appear at pins 7-13 and
15-19. The MSB will output on pin 7 while the LSB will
output on pin 19. The outputs are coded in Straight Binary
(with 0V = 000H and VREF = FFFH, see Table IV). Following
a conversion, the BUSY pin will go HIGH. After BUSY goes
HIGH, the CS and RD pins may be brought LOW to enable
the 12-bit output bus. CS and RD must be held LOW for at
least 25ns seconds following BUSY HIGH. Data will be valid
25ns seconds after the falling edge of both CS and RD. The
output data will remain valid for 25ns seconds following the
rising edge of both CS and RD. See Figure 4 for the read
cycle timing diagram.
POWER-DOWN MODE
The ADS7842 incorporates a unique method of placing the
ADC in the power-down mode. Rather than adding an extra
pin to the package, the A0 address pin is used in conjunction
with the RD pin to place the device in power-down mode and
also to ‘wake-up’ the ADC following power-down. In this
shutdown mode, all analog and digital circuitry is turned off.
The simplest way to place the ADS7842 in power-down
mode is immediately following a conversion. After a conver-
sion has been completed and the BUSY output has returned
HIGH, CS and RD must be brought LOW for a minimum of
25ns. While keeping CS LOW, RD is brought HIGH and the
ADS7842 enters the power-down mode, provided the A0 pin
is HIGH (see Figure 5 and Table III). In order to ‘wake-up’ the
device following power-down, A0 must be LOW when RD
switches from LOW to HIGH a second time (see Figure 6).
The typical supply current of the ADS7842 with a 5V supply
and 200kHz sampling rate is 550
µA. In the power-down
mode the current is typically reduced to 3
µA.
SYMBOL
DESCRIPTION
MIN TYP MAX UNITS
tCONV
Conversion Time
6.5
µs
tACQ
Acquisition Time
1.5
µs
tCKP
Clock Period
500
ns
tCKL
Clock LOW
150
ns
tCKH
Clock HIGH
150
ns
t1
CS to WR/RD Setup Time
0
ns
t2
Address to CS Hold Time
0
ns
t3
CS LOW
25
ns
t4
CLK to WR Setup Time
25
ns
t5
CS to BUSY LOW
20
ns
t6
CLK to WR LOW
5
ns
t7
CLK to WR HIGH
25
ns
t8
WR to CLK HIGH
25
ns
t9
Address Hold Time
5
ns
t10
Address Setup Time
5
ns
t11
BUSY to RD Delay
0
ns
t12
CLK LOW to BUSY HIGH
10
ns
t13
BUS Access
25
ns
t14
BUS Relinquish
25
ns
t15
Address to RD HIGH
2
ns
t16
Address Hold Time
2
ns
t17
RD HIGH to CLK LOW
50
ns
TABLE II. Timing Specifications (+VCC = +4.75V to +5.25V,
TA = –40°C to +85°C, CLOAD = 50pF).
TABLE I. Timing Specifications (+VCC = +2.7V to 3.6V,
TA = –40°C to +85°C, CLOAD = 50pF).
SYMBOL
DESCRIPTION
MIN TYP MAX UNITS
tCONV
Conversion Time
3.5
µs
tACQ
Acquisition Time
1.5
µs
tCKP
Clock Period
300
ns
tCKL
Clock LOW
150
ns
tCKH
Clock HIGH
150
ns
t1
CS to WR/RD Setup Time
0
ns
t2
Address to CS Hold Time
0
ns
t3
CS LOW
25
ns
t4
CLK to WR Setup Time
25
ns
t5
CS to BUSY LOW
20
ns
t6
CLK to WR LOW
5
ns
t7
CLK to WR HIGH
25
ns
t8
WR to CLK HIGH
25
ns
t9
Address Hold Time
5
ns
t10
Address Setup Time
5
ns
t11
BUSY to RD Delay
0
ns
t12
CLK LOW to BUSY HIGH
10
ns
t13
BUS Access
25
ns
t14
BUS Relinquish
25
ns
t15
Address to RD HIGH
2
ns
t16
Address Hold Time
2
ns
t17
RD HIGH to CLK LOW
50
ns


Similar Part No. - ADS7842EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7842EB BURR-BROWN-ADS7842EB Datasheet
139Kb / 13P
   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7842EB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com