Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWF4564HLB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWF4564HLB
Description  Metallized Polypropylene Film Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF4564HLB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWF4564HLB Datasheet HTML 1Page - Panasonic Semiconductor ECWF4564HLB Datasheet HTML 2Page - Panasonic Semiconductor ECWF4564HLB Datasheet HTML 3Page - Panasonic Semiconductor ECWF4564HLB Datasheet HTML 4Page - Panasonic Semiconductor ECWF4564HLB Datasheet HTML 5Page - Panasonic Semiconductor ECWF4564HLB Datasheet HTML 6Page - Panasonic Semiconductor ECWF4564HLB Datasheet HTML 7Page - Panasonic Semiconductor ECWF4564HLB Datasheet HTML 8Page - Panasonic Semiconductor ECWF4564HLB Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC50−
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
Metallized Polypropylene Film Capacitor
Type:
ECWF(L)
Designed for high frequency and current applications.
■Features
Small size
Excellent frequency characteristics
Low loss
85 ˚C, 85 % RH, W.V.✕1.0 for 500 hours
RoHS directive compliant
■Recommended Applications
Lighting
High frequency and high current circuits
(TVs, Monitors, Power Supplies, etc.)
■Explanation of Part Numbers
1
23
456
78
9
10
11
E
C
W
F
L
Products code
Dielectric &
construction
Rated
voltage
Cap. Tol.
Suffix
Suffix
Capacitance
● Explanation of Part Numbers for Odd Size Taping
E
C
W
F
R
L
Products code
Dielectric &
construction
Rated
voltage
Suffix
Cap. Tol.
Suffix
Capacitance
4
400 VDC
6
630 VDC
H
±3 %
J
±5 %
■Specifications
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Withstand voltage
Dissipation factor (tan )
–40 ˚C to +105 ˚C
400 VDC, 630 VDC
±3 %(H), ±5 %(J)
Between terminals : Rated voltage(VDC)
✕150 % 60 s
tan <
=0.05% (20˚C,1kHz)
tan <
=0.20% (20˚C,10kHz)
C<
=0.33 uF : IR>
=9000 MΩ
(20 ˚C, 100 VDC, 60 s for 400 VDC)
C>0.33 uF : IR>
=3000 MΩ・uF (20 ˚C, 500 VDC, 60 s for 630 VDC)
400 VDC
630 VDC
0.022 uF to 2.4 uF
0.010 uF to 1.3 uF
Insulation resistance (IR)
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Suffix
Blank
B
C
Lead Form
Straight
Crimped lead
Cut lead
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
50


Similar Part No. - ECWF4564HLB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF4564HLB PANASONIC-ECWF4564HLB Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF4564HLB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com