Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3634 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3634
Description  PNP SILICON AMPLIFIER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3634 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3634 Datasheet HTML 1Page - Microsemi Corporation 2N3634 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP SILICON AMPLIFIER TRANSISTOR
Qualified per MIL-PRF-19500/357
Devices
Qualified Level
2N3634
2N3634L
2N3635
2N3635L
2N3636
2N3636L
2N3637
2N3637L
JAN
JANTX
JANTXV
JANS
MAXIMUM RATINGS
Ratings
Symbol
2N3634*
2N3635*
2N3636*
2N3637*
Unit
Collector-Emitter Voltage
VCEO
140
175
Vdc
Collector-Base Voltage
VCBO
140
175
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
1.0
Adc
Total Power Dissipation
@ TA = +25
0C(1)
@ TC = +25
0C(2)
PT
1.0
5.0
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
*Electrical characteristics for “L” suffix devices are identical to the “non L” corresponding devices
1) Derate linearly 5.71 mW/
0C for TA > +250C
2) Derate linearly 28.6 mW/
0C for TC > +250C
TO-39* (TO-205AD)
2N3634, 2N3635
2N3636, 2N3637
TO-5*
2N3634, 2N3635
2N3636, 2N3637
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Current
IC = 10 mAdc
2N3634, 2N3635
2N3636, 2N3637
V(BR)CEO
140
175
Vdc
Collector-Base Cutoff Current
VCB = 100 Vdc
VCB = 140 Vdc
2N3634, 2N3635
ICBO
100
10
ηAdc
µAdc
Emitter-Base Cutoff Current
VEB = 3.0 Vdc
VEB = 5.0 Vdc
IEBO
50
10
ηAdc
µAdc
Collector-Emitter Cutoff Current
VCE = 100 Vdc
ICEO
10
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N3634

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3634 BOCA-2N3634 Datasheet
219Kb / 6P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Central Semiconductor C...
2N3634 CENTRAL-2N3634 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N3634 SEME-LAB-2N3634 Datasheet
41Kb / 2P
   PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N3634 MICROSEMI-2N3634 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634 Datasheet
174Kb / 5P
   PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N3634

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA56 UTC-MMBTA56 Datasheet
116Kb / 5P
   AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
   PNP Silicon Amplifier Transistor
MPSA55 MCC-MPSA55_11 Datasheet
218Kb / 2P
   PNP Silicon Amplifier Transistor
logo
ON Semiconductor
2N5087 ONSEMI-2N5087 Datasheet
300Kb / 8P
   Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 1
MPS4126 ONSEMI-MPS4126 Datasheet
38Kb / 4P
   Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 2
MPSA70 ONSEMI-MPSA70 Datasheet
427Kb / 8P
   Amplifier Transistor(PNP Silicon)
1996
2N5087 ONSEMI-2N5087_07 Datasheet
156Kb / 7P
   Amplifier Transistor PNP Silicon
March, 2007 ??Rev. 4
MPS4126 ONSEMI-MPS4126_06 Datasheet
43Kb / 3P
   Amplifier Transistor PNP Silicon
March, 2006 ??Rev. 3
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_08 Datasheet
119Kb / 2P
   PNP Silicon Amplifier Transistor
logo
Motorola, Inc
2N5400 MOTOROLA-2N5400 Datasheet
177Kb / 6P
   Amplifier Transistor(PNP Silicon)
logo
ON Semiconductor
MPSL51 ONSEMI-MPSL51 Datasheet
187Kb / 6P
   Amplifier Transistor(PNP Silicon)
1996
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com