Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS243AJ Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54ALS243AJ
Description  QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALS243AJ Datasheet(HTML) 1 Page - Texas Instruments

  SN54ALS243AJ Datasheet HTML 1Page - Texas Instruments SN54ALS243AJ Datasheet HTML 2Page - Texas Instruments SN54ALS243AJ Datasheet HTML 3Page - Texas Instruments SN54ALS243AJ Datasheet HTML 4Page - Texas Instruments SN54ALS243AJ Datasheet HTML 5Page - Texas Instruments SN54ALS243AJ Datasheet HTML 6Page - Texas Instruments SN54ALS243AJ Datasheet HTML 7Page - Texas Instruments SN54ALS243AJ Datasheet HTML 8Page - Texas Instruments SN54ALS243AJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN54ALS243A, SN74ALS243A
QUADRUPLE BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SDAS069B − DECEMBER 1982 − REVISED DECEMBER 1994
Copyright
1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Two-Way Asynchronous Communication
Between Data Buses
pnp Inputs Reduce dc Loading
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These quadruple bus transceivers are designed
for
asynchronous
two-way
communication
between
data
buses.
The
control-function
implementation allows for maximum flexibility in
timing. These devices allow data transmission
from the A bus to the B bus or from the B bus to the
A bus depending upon the logic levels at the
output-enable (OEBA and OEAB) inputs. The
output-enable inputs can be used to disable the
device so that the buses are effectively isolated.
The
dual-enable
configuration
gives
the
quadruple bus transceivers the capability to store
data by simultaneously enabling OEBA and
OEAB. Each output reinforces its input in this
transceiver configuration. When both control
inputs are enabled and all other data sources to
the two sets of bus lines are at high impedance,
both sets of bus lines (eight in all) retain their
states. The 4-bit codes appearing on the two sets
of buses are identical.
The SN54ALS243A is characterized for operation over the full military temperature range of − 55
°C to 125°C.
The SN74ALS243A is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
FUNCTION
OEAB
OEBA
FUNCTION
L
L
A to B
H
H
B to A
H
L
Isolation
L
H
Latch A and B
(A = B)
SN54ALS243A ...J PACKAGE
SN74ALS243A ...D OR N PACKAGE
(TOP VIEW)
SN54ALS243A . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
NC
B1
NC
B2
A1
NC
A2
NC
A3
NC − No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OEAB
NC
A1
A2
A3
A4
GND
VCC
OEBA
NC
B1
B2
B3
B4
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54ALS243AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS243AJ TI-SN54ALS243AJ Datasheet
85Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ALS243AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F242 TI-SN54F242 Datasheet
75Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54F242 TI1-SN54F242_08 Datasheet
90Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54F243 TI1-SN54F243_08 Datasheet
90Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS243A TI-SN54ALS243A Datasheet
85Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
logo
Hitachi Semiconductor
HD74LS243 HITACHI-HD74LS243 Datasheet
55Kb / 6P
   Quadruple Bus Transceivers(with three-state outputs)
HD74LS242 HITACHI-HD74LS242 Datasheet
58Kb / 6P
   Quadruple Bus Transceivers(with three-state outputs)
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com