Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3838 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3838
Description  NPN/PNP SILICON COMPLEMENTARY SMALL SIGNAL DUAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3838 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3838 Datasheet HTML 1Page - Microsemi Corporation 2N3838 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN/PNP SILICON COMPLEMENTARY SMALL SIGNAL DUAL
TRANSISTOR
Qualified per MIL-PRF-19500/421
Devices
Qualified Level
2N3838
2N4854
2N4854U
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Sym
2N3838(2)
2N4854, U
Unit
Collector-Emitter Voltage
VCEO
40
40
Vdc
Collector-Base Voltage
VCBO
60
60
Vdc
Emitter-Base Voltage
VEBO
5.0
5.0
Vdc
Collector Current
IC
600
600
mAdc
One
Trans
Total
Devic
e
One
Trans
Total
Device
Total Power Dissipation @ TA = +25
0C
@ TC = + 25
0C(1)
PT
0.25(2)
0.7(4)
0.35
1.4
0.30(3)
1.0(5)
0.60
2.0
W
W
Operating & Storage Junction Temp. Range
TJ
200
0C
Operating & Storage Junction Temp. Range
Tstg
-55 to +200
0C
Lead to Case Voltage
±120
Vdc
1)
TC rating do not apply to Surface Mount devices (2N4854U)
2)
For TA > +25
0C Derate linearly 1.43 mW/0C (one transistor) 2.00 mW/0C (both transistors)
3)
For TA > +25
0C Derate linearly 1.71 mW/0C (one transistor) 3.43 mW/0C (both transistors)
4)
For TC > +25
0C Derate linearly 4.0 mW/0C (one transistor) 8.0 mW/0C (both transistors)
5) For TC > +250C Derate linearly 5.71 mW/0C (one transistor) 11.43 mW/0C (both transistors)
TO-78*
2N4854
6 Pin Surface Mount*
2N4854U
6 Lead Flatpack*
2N3838
*See MILPRF19500/421
for package dimensions.
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Current
IC = 10 mAdc
V(BR)CEO
40
Dc
Collector-Base Cutoff Current
VCB = 60 Vdc
ICBO(1)
10
µAdc
Collector-Base Cutoff Current
VCB = 50 Vdc
2N3838
2N4854, U
ICBO(2)
50
10
ηAdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
VEB = 3.0 Vdc
IEBO
10
10
µAdc
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
42103
Page 1 of 2


Similar Part No. - 2N3838

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N3838 ETC1-2N3838 Datasheet
141Kb / 1P
   SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3838 NJSEMI-2N3838 Datasheet
95Kb / 2P
   Devices
More results

Similar Description - 2N3838

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BD2378 UTC-BD2378_15 Datasheet
105Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE
MMDT3946 UTC-MMDT3946_15 Datasheet
131Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE
logo
Diodes Incorporated
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT4146 DIODES-MMDT4146_1 Datasheet
88Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30162 Rev. 9 - 2
logo
Unisonic Technologies
BD2378 UTC-BD2378 Datasheet
96Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4146 DIODES-MMDT4146_15 Datasheet
100Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT5451 DIODES-MMDT5451_2 Datasheet
204Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
MMDT4146 DIODES-MMDT4146_09 Datasheet
100Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2 January 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com