Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8302101SA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 8302101SA
Description  8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

8302101SA Datasheet(HTML) 5 Page - Texas Instruments

  8302101SA Datasheet HTML 1Page - Texas Instruments 8302101SA Datasheet HTML 2Page - Texas Instruments 8302101SA Datasheet HTML 3Page - Texas Instruments 8302101SA Datasheet HTML 4Page - Texas Instruments 8302101SA Datasheet HTML 5Page - Texas Instruments 8302101SA Datasheet HTML 6Page - Texas Instruments 8302101SA Datasheet HTML 7Page - Texas Instruments 8302101SA Datasheet HTML 8Page - Texas Instruments 8302101SA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54ALS299, SN74ALS299
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
WITH 3-STATE OUTPUTS
SDAS220B – DECEMBER 1982 – REVISED DECEMBER 1994
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
SN54ALS299
SN74ALS299
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency (at 50% duty cycle)
0
17
0
30
MHz
t
Pulse duration
CLK high or low
22
16.5
ns
tw
Pulse duration
CLR low
12
10
ns
S0 or S1
25
20
t
Setup time before CLK
Serial or parallel data
High
18
16
ns
tsu
Serial or parallel data
Low
15
6
ns
Inactive-state setup time before CLK
↑†
CLR
15
15
th
Hold time after CLK
S0 or S1
0
0
ns
th
Hold time after CLK
Serial or parallel data
0
0
ns
† Inactive-state setup time is also referred to as recovery time.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX‡
UNIT
SN54ALS299
SN74ALS299
MIN
MAX
MIN
MAX
fmax
17
30
MHz
tPLH
CLK
QQ
2
19
4
13
ns
tPHL
CLK
QA– QH
4
25
7
19
ns
tPLH
CLK
Q
′ or Q ′
2
21
5
15
ns
tPHL
CLK
QA
′ or QH′
4
25
8
18
ns
tPHL
CLR
QA –QH
6
29
6
22
ns
tPHL
CLR
QA
′ or QH′
6
29
6
22
ns
tPZH
OE1 OE2
QQ
5
22
6
16
ns
tPZL
OE1, OE2
QA – QH
6
27
8
22
ns
tPZH
S0 S1
QQ
5
27
7
17
ns
tPZL
S0, S1
QA – QH
6
26
8
22
ns
tPHZ
OE1 OE2
QQ
1
15
1
8
ns
tPLZ
OE1, OE2
QA – QH
4
38
5
15
ns
tPHZ
S0 S1
QA QH
1
16
1
12
ns
tPLZ
S0, S1
QA – QH
4
34
8
25
ns
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - 8302101SA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
8302101SA TI-8302101SA Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - 8302101SA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS299 HITACHI-HD74LS299 Datasheet
91Kb / 6P
   8-bit Universal Shift/Storage Registers(with three-state outputs)
logo
Texas Instruments
SN74HC299 TI1-SN74HC299 Datasheet
224Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH DIRECT CLEAR AND 3-STATE OUTPUTS
SN54ALS323 TI-SN54ALS323 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 RENESAS-HD74HC299 Datasheet
214Kb / 9P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com