Electronic Components Datasheet Search |
|
SN74HC174PWRG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74HC174PWRG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 21 page SN54HC174, SN74HC174 HEX DTYPE FLIPFLOPS WITH CLEAR SCLS119D − DECEMBER 1982 − REVISED SEPTEMBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Wide Operating Voltage Range of 2 V to 6 V D Outputs Can Drive Up To 10 LSTTL Loads D Low Power Consumption, 80-µA Max ICC D Typical tpd = 14 ns D ±4-mA Output Drive at 5 V D Low Input Current of 1 µA Max D Contain Six Flip-Flops With Single-Rail Outputs D Applications Include: − Buffer/Storage Registers − Shift Registers − Pattern Generators description/ordering information These positive-edge-triggered D-type flip-flops have a direct clear (CLR) input. Information at the data (D) inputs meeting the setup time requirements is transferred to the outputs on the positive-going edge of the clock (CLK) pulse. Clock triggering occurs at a particular voltage level and is not directly related to the transition time of the positive-going edge of CLK. When CLK is at either the high or low level, the D input has no effect at the output. ORDERING INFORMATION TA PACKAGE† PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube of 25 SN74HC174N SN74HC174N Tube of 40 SN74HC174D SOIC − D Reel of 2500 SN74HC174DR HC174 SOIC − D Reel of 250 SN74HC174DT HC174 −40 °C to 85°C SOP − NS Reel of 2000 SN74HC174NSR HC174 −40 C to 85 C SSOP − DB Reel of 2000 SN74HC174DBR HC174 Tube of 90 SN74HC174PW TSSOP − PW Reel of 2000 SN74HC174PWR HC174 TSSOP − PW Reel of 250 SN74HC174PWT HC174 CDIP − J Tube of 25 SNJ54HC174J SNJ54HC174J −55 °C to 125°C CFP − W Tube of 150 SNJ54HC174W SNJ54HC174W −55 C to 125 C LCCC − FK Tube of 55 SNJ54HC174FK SNJ54HC174FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SN54HC174 ...J OR W PACKAGE SN74HC174 . . . D, DB, N, NS, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 6D 5D NC 5Q 4D 1D 2D NC 2Q 3D SN54HC174...FK PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 CLR 1Q 1D 2D 2Q 3D 3Q GND VCC 6Q 6D 5D 5Q 4D 4Q CLK NC − No internal connection Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Similar Part No. - SN74HC174PWRG4 |
|
Similar Description - SN74HC174PWRG4 |