Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0733580691 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0733580691
Description  50 Ohms, SSMCX 4 Port Standard Jack with Tall Posts, Right-Angle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0733580691 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0733580691 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/07/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0733580691
Status:
Active
Overview:
SSMCX Coaxial RF Connectors
Description:
50 Ohms, SSMCX 4 Port Standard Jack with Tall Posts, Right-Angle
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73358
Overview
SSMCX Coaxial RF Connectors
Product Name
SSMCX
UPC
884982699649
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Orientation
Right Angle
PCB Mounting
Through Hole
Packaging Type
Bag
Panel Mount
Yes
Panel Mount Method
N/A
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73358-069
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
73358 Series
This document was generated on 03/07/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0733580691

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0733580691 MOLEX-0733580691_V01 Datasheet
67Kb / 1P
   50 Ohms, SSMCX 4 Port Standard Jack with Tall Posts, Right-Angle
More results

Similar Description - 0733580691

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0733580491 MOLEX11-0733580491 Datasheet
75Kb / 1P
   50 Ohms, SSMCX 4 Port Standard Jack with Tall Posts, Right-Angle
0733580691 MOLEX-0733580691_V01 Datasheet
67Kb / 1P
   50 Ohms, SSMCX 4 Port Standard Jack with Tall Posts, Right-Angle
0733580491 MOLEX-0733580491_V01 Datasheet
67Kb / 1P
   50 Ohms, SSMCX 4 Port Standard Jack with Tall Posts, Right-Angle
0733580492 MOLEX-0733580492_V01 Datasheet
67Kb / 1P
   50 Ohms, SSMCX 6 Port Standard Jack with Tall Posts, Right-Angle
73358-0692 MOLEX11-73358-0692 Datasheet
38Kb / 1P
   50 Ohms, SSMCX 6 Port Standard Jack with Tall Posts, Right-Angle
0733580692 MOLEX11-0733580692 Datasheet
75Kb / 1P
   50 Ohms, SSMCX 6 Port Standard Jack with Tall Posts, Right-Angle
0733580492 MOLEX11-0733580492 Datasheet
75Kb / 1P
   50 Ohms, SSMCX 6 Port Standard Jack with Tall Posts, Right-Angle
0733580692 MOLEX-0733580692_V01 Datasheet
67Kb / 1P
   50 Ohms, SSMCX 6 Port Standard Jack with Tall Posts, Right-Angle
73358-0491 MOLEX11-73358-0491 Datasheet
37Kb / 1P
   50 Ohms, SSMCX 4 Port Standard Jack with Tall Posts, Right-Angle, EWR-4206
73358-0492 MOLEX11-73358-0492 Datasheet
39Kb / 1P
   50 Ohms, SSMCX 6 Port Standard Jack with Tall Posts, Right-Angle, EWR-4206
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com