Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL20R8-15CJT Datasheet(PDF) 10 Page - Texas Instruments

Part # TIBPAL20R8-15CJT
Description  HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL20R8-15CJT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TIBPAL20R8-15CJT Datasheet HTML 6Page - Texas Instruments TIBPAL20R8-15CJT Datasheet HTML 7Page - Texas Instruments TIBPAL20R8-15CJT Datasheet HTML 8Page - Texas Instruments TIBPAL20R8-15CJT Datasheet HTML 9Page - Texas Instruments TIBPAL20R8-15CJT Datasheet HTML 10Page - Texas Instruments TIBPAL20R8-15CJT Datasheet HTML 11Page - Texas Instruments TIBPAL20R8-15CJT Datasheet HTML 12Page - Texas Instruments TIBPAL20R8-15CJT Datasheet HTML 13Page - Texas Instruments TIBPAL20R8-15CJT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
VO = 0.4 V
IOZL
VCC = 5.25 V,
μA
VO = 2.7 V
IOZH
VCC = 5.25 V,
μA
fmax¶
MHz
TIBPAL20L8-15C, TIBPAL20R4-15C, TIBPAL20R6-15C, TIBPAL20R8-15C
HIGH-PERFORMANCE
IMPACT ™ PAL® CIRCUITS
SRPS021A − D2920, JUNE 1986 − REVISED DECEMBER 2010
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
10
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
VCC = 4.75 V,
II = −18 mA
−0.8
−1.5
V
VOH
VCC = 4.75 V,
IOH = −3.2 mA
2.4
V
VOL
VCC = 4.75 V,
IOL = 24 mA
0.3
0.5
V
O, Q outputs
20
I/O ports
100
O, Q outputs
−20
I/O ports
−250
II
VCC = 5.25 V,
VI = 5.5 V
0.1
mA
IIH‡
VCC = 5.25 V,
VI = 2.7 V
25
μA
IIL‡
VCC = 5.25 V,
VI = 0.4 V
−0.25
mA
IOS§
VCC = 5.25 V,
VO = 0.5 V
−30
−70
−130
mA
ICC
VCC = 5.25 V,
Outputs open,
VI = 0,
OE at VIH
120
180
mA
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITION
MIN
TYP
MAX
UNIT
With feedback
37
40
Without feedback
45
50
tpd
I, I/O
O, I/O
R1 = 200 Ω,
12
15
ns
tpd
CLK↑
Q
R2 = 390 Ω,
8
12
ns
ten
OE
Q
See Figure 3
10
15
ns
tdis
OE↑
Q
8
12
ns
ten
I, I/O
O, I/O
12
18
ns
tdis
I, I/O
O, I/O
12
15
ns
All typical values are at VCC = 5 V, TA = 25°C.
For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be shorted at a time, and the duration of the short-circuit should not exceed one second.
fmax(with feedback) +
1
tsu ) tpd (CLK to Q)
,
fmax(without feedback) +
1
tw high ) tw low
,
fmax does not apply for TIBPAL20L8,.


Similar Part No. - TIBPAL20R8-15CJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20R8-15CJT TI-TIBPAL20R8-15CJT Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results

Similar Description - TIBPAL20R8-15CJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-25C TI-TIBPAL16L8-25C Datasheet
287Kb / 19P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-25C TI-TIBPAL20L8-25C Datasheet
184Kb / 17P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com