Electronic Components Datasheet Search |
|
TPS3836E18-Q1 Datasheet(PDF) 2 Page - Texas Instruments |
|
TPS3836E18-Q1 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 18 page TPS3836E18-Q1 / J25-Q1 / H30-Q1 / L30-Q1 / K33-Q1 TPS3837E18-Q1 / J25-Q1 / L30-Q1 / K33-Q1, TPS3838E18-Q1 / J25-Q1 / L30-Q1 / K33-Q1 NANOPOWER SUPERVISORY CIRCUITS SGLS141A − DECEMBER 2002 − REVISED JANUARY 2007 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) VDD GND CT MR RESET TPS3836K33 VCC VSS RST Xin MSP430 Xout T Quartz 32 kHz Lithium Battery 3.6 V TYPICAL OPERATING CIRCUIT The product spectrum is designed for supply voltages of 1.8 V, 2.5 V, 3 V, and 3.3 V. The circuits are available in a 5-pin SOT-23 package. The TPS3836-Q-Q1, TPS3837-Q-Q1, TPS3838-Q-Q1 families are characterized for operation over a temperature range of −40 °C to 125°C. PACKAGE INFORMATION TA DEVICE NAME THRESHOLD VOLTAGE SYMBOL TPS3836E18QDBVRQ1† 1.71 V PDNQ TPS3836J25QDBVRQ1† 2.25 V PDSQ TPS3836H30QDBVRQ1† 2.79 V PHRQ TPS3836L30QDBVRQ1† 2.64 V PCAQ TPS3836K33QDBVRQ1† 2.93 V PDTQ TPS3837E18QDBVRQ1† 1.71 V PDOQ −40 °C to 125°C TPS3837J25QDBVRQ1† 2.25 V PDRQ 40 C to 125 C TPS3837L30QDBVRQ1† 2.64 V PCBQ TPS3837K33QDBVRQ1† 2.93 V PDUQ TPS3838E18QDBVRQ1† 1.71 V PDQQ TPS3838J25QDBVRQ1† 2.25 V PDPQ TPS3838L30QDBVRQ1† 2.64 V PCCQ TPS3838K33QDBVRQ1† 2.93 V PDVQ † DBVR indicates tape and reel of 3000 parts. ORDERING INFORMATION TPS383 6 E 18 Q DBV R Q1 Automotive Designator Reel Package Q-Temperature Designator Nominal Supply Voltage Typical Reset Threshold Voltage Functionality Family |
Similar Part No. - TPS3836E18-Q1 |
|
Similar Description - TPS3836E18-Q1 |