Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS145N3 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LS145N3
Description  BCD-TO-DECIMAL DECODERS/DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS145N3 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LS145N3 Datasheet HTML 1Page - Texas Instruments SN74LS145N3 Datasheet HTML 2Page - Texas Instruments SN74LS145N3 Datasheet HTML 3Page - Texas Instruments SN74LS145N3 Datasheet HTML 4Page - Texas Instruments SN74LS145N3 Datasheet HTML 5Page - Texas Instruments SN74LS145N3 Datasheet HTML 6Page - Texas Instruments SN74LS145N3 Datasheet HTML 7Page - Texas Instruments SN74LS145N3 Datasheet HTML 8Page - Texas Instruments SN74LS145N3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Apr-2015
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SNJ54LS145FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
85084012A
SNJ54LS
145FK
SNJ54LS145J
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
8508401EA
SNJ54LS145J
SNJ54LS145W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
8508401FA
SNJ54LS145W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Similar Part No. - SN74LS145N3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS145N3 TI-SN74LS145N3 Datasheet
930Kb / 23P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
More results

Similar Description - SN74LS145N3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5445 TI1-SN5445_14 Datasheet
314Kb / 8P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
logo
Fairchild Semiconductor
DM74145 FAIRCHILD-DM74145 Datasheet
40Kb / 4P
   BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN74LS445 TI-SN74LS445 Datasheet
126Kb / 3P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
logo
List of Unclassifed Man...
DN74LS445S ETC1-DN74LS445S Datasheet
283Kb / 3P
   BCD to Decimal Decoders/Drivers
logo
Fairchild Semiconductor
DM7445 FAIRCHILD-DM7445 Datasheet
41Kb / 4P
   BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN54145 TI-SN54145_07 Datasheet
930Kb / 23P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
logo
National Semiconductor ...
DM54145 NSC-DM54145 Datasheet
124Kb / 4P
   BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN5445 TI-SN5445 Datasheet
153Kb / 4P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
SN54145 TI-SN54145 Datasheet
204Kb / 5P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
SN54LS445 TI1-SN54LS445_08 Datasheet
158Kb / 4P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com