Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL20R4-15CNT Datasheet(PDF) 1 Page - Texas Instruments

Part # TIBPAL20R4-15CNT
Description  HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL20R4-15CNT Datasheet(HTML) 1 Page - Texas Instruments

  TIBPAL20R4-15CNT Datasheet HTML 1Page - Texas Instruments TIBPAL20R4-15CNT Datasheet HTML 2Page - Texas Instruments TIBPAL20R4-15CNT Datasheet HTML 3Page - Texas Instruments TIBPAL20R4-15CNT Datasheet HTML 4Page - Texas Instruments TIBPAL20R4-15CNT Datasheet HTML 5Page - Texas Instruments TIBPAL20R4-15CNT Datasheet HTML 6Page - Texas Instruments TIBPAL20R4-15CNT Datasheet HTML 7Page - Texas Instruments TIBPAL20R4-15CNT Datasheet HTML 8Page - Texas Instruments TIBPAL20R4-15CNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TIBPAL20L8-15C, TIBPAL20R4-15C, TIBPAL20R6-15C, TIBPAL20R8-15C
TIBPAL20L8-20M, TIBPAL20R4-20M, TIBPAL20R6-20M, TIBPAL20R8-20M
HIGH-PERFORMANCE
IMPACT ™ PAL® CIRCUITS
SRPS021A − D2920, JUNE 1986 − REVISED DECEMBER 2010
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 2010, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.
High-Performance: fmax (w/o feedback)
TIBPAL20R’ -15C Series . . . 45 MHz
TIBPAL20R’ -20M Series . . . 41.6 MHz
High-Performance . . . 45 MHz Min
Reduced ICC of 180 mA Max
Functionally Equivalent, but Faster Than
PAL20L8, PAL20R4, PAL20R6, PAL20R8
Power-Up Clear on Registered Devices (All
Register Outputs are Set Low, but Voltage
Levels at the Output Pins Go High)
Preload Capability on Output Registers
Simplifies Testing
Package Options Include Both Plastic and
Ceramic Chip Carriers in Addition to Plastic
and Ceramic DIPs
DEVICE
I
INPUTS
3-STATE
O OUTPUTS
REGISTERED
Q OUTPUTS
I/O
PORT
S
PAL20L8
14
2
0
6
PAL20R4
12
0
4 (3-state buffers)
4
PAL20R6
12
0
6 (3-state buffers)
2
PAL20R8
12
0
8 (3-state buffers)
0
description
These programmable array logic devices feature
high speed and functional equivalency when
compared with currently available devices. These
IMPACT™ circuits combine the latest Advanced
Low-Power Schottky technology with proven
titanium-tungsten fuses to provide reliable,
high-performance substitutes for conventional
TTL logic. Their easy programmability allows for
quick design of custom functions and typically
results in a more compact circuit board. In
addition, chip carriers are available for futher
reduction in board space.
Extra circuitry has been provided to allow loading of each register asynchronously to either a high or low state.
This feature simplifies testing because the registers can be set to an initial state prior to executing the test
sequence.
The TIBPAL20’ C series is characterized from 0°C to 75°C. The TIBPAL20’ M series is characterized for
operation over the full military temperature range of −55°C to 125°C.
IMPACT is a trademark of Texas Instruments Incorporated.
PAL is a registered trademark of Advanced Micro Devices Inc.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
I
I
I
I
I
I
I
I
I
I
I
GND
VCC
I
O
I/O
I/O
I/O
I/O
I/O
I/O
O
I
I
TIBPAL20L8’
C SUFFIX . . . JT OR NT PACKAGE
M SUFFIX . . . JT OR W PACKAGE
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
I/O
I/O
I/O
NC
I/O
I/O
I/O
I
I
I
NC
I
I
I
426
14 15 16 17 18
TIBPAL20L8’
C SUFFIX . . . FN PACKAGE
M SUFFIX . . . FK PACKAGE
(TOP VIEW)
NC
No internal connection
Pin assignments in operating mode


Similar Part No. - TIBPAL20R4-15CNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20R4-15CNT TI-TIBPAL20R4-15CNT Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results

Similar Description - TIBPAL20R4-15CNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-25C TI-TIBPAL16L8-25C Datasheet
287Kb / 19P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-25C TI-TIBPAL20L8-25C Datasheet
184Kb / 17P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com