Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL20R4-20MW Datasheet(PDF) 9 Page - Texas Instruments

Part # TIBPAL20R4-20MW
Description  HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL20R4-20MW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TIBPAL20R4-20MW Datasheet HTML 5Page - Texas Instruments TIBPAL20R4-20MW Datasheet HTML 6Page - Texas Instruments TIBPAL20R4-20MW Datasheet HTML 7Page - Texas Instruments TIBPAL20R4-20MW Datasheet HTML 8Page - Texas Instruments TIBPAL20R4-20MW Datasheet HTML 9Page - Texas Instruments TIBPAL20R4-20MW Datasheet HTML 10Page - Texas Instruments TIBPAL20R4-20MW Datasheet HTML 11Page - Texas Instruments TIBPAL20R4-20MW Datasheet HTML 12Page - Texas Instruments TIBPAL20R4-20MW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TIBPAL20L8-15C, TIBPAL20R4-15C, TIBPAL20R6-15C, TIBPAL20R8-15C
HIGH-PERFORMANCE
IMPACT ™ PAL® CIRCUITS
SRPS021A − D2920, JUNE 1986 − REVISED DECEMBER 2010
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
9
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to disabled output (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: These ratings apply except for programming pins during a programming cycle.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
−3.2
mA
IOL
Low-level output current
24
mA
fclock†
Clock frequency
0
45
MHz
High
10
Low
12
tsu†
Setup time, input or feedback before clock↑
15
ns
th†
Hold time, input or feedback after clock↑
0
ns
TA
Operating free-air temperature
0
25
75
°C
fclock, tw, tsu, and th do not apply for TIBPAL20L8’.
ns
Pulse duration, clock
tw†


Similar Part No. - TIBPAL20R4-20MW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20R4-20MW TI-TIBPAL20R4-20MW Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results

Similar Description - TIBPAL20R4-20MW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-25C TI-TIBPAL16L8-25C Datasheet
287Kb / 19P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-25C TI-TIBPAL20L8-25C Datasheet
184Kb / 17P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com