Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2000 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ2000
Description  Programmable Multi-Chemistry Fast-Charge Management IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ2000_15 Datasheet HTML 6Page - Texas Instruments BQ2000_15 Datasheet HTML 7Page - Texas Instruments BQ2000_15 Datasheet HTML 8Page - Texas Instruments BQ2000_15 Datasheet HTML 9Page - Texas Instruments BQ2000_15 Datasheet HTML 10Page - Texas Instruments BQ2000_15 Datasheet HTML 11Page - Texas Instruments BQ2000_15 Datasheet HTML 12Page - Texas Instruments BQ2000_15 Datasheet HTML 13Page - Texas Instruments BQ2000_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
BAT+
Q1
FMMT718
D2
ZHCS1000
L1
47 H
m
C9
1000PF
R12
120OHMS
Q2
MMBT3904LT1
C6
47 F
m
D5
MMSD914LT
D3
MMSD914LT
D4
S1A
DC-
R10
1KW
D1
RED
R2
2KW
C3
10 F
m
D6
BZT52-C5V1
R1
100KW
RC 6
LED
3
BAT
4
VSS
2
TS
5
VCC 7
SNS
1
MOD 8
U1
bq2000
C4
0.0022 F
m
R4
12.4K
VCC
C7
4.7PF
C8
0.33 F
m
Q3
MMBT3904LT1
R11
220 W
R6
210KW
C5
10 F
m
BAT-
THERM
CHEMISTRY
R7
200KW
R9
221KW
R5
20KW
C1
0.1
R8
6.81KW
C2
0.1
NOTES:
1.ForLi-Ion,theCHEMISTRY isleftfloating.
ForNiCd/NiMH,theCHEMISTRY istiedtoBAT-
2.DCinputvoltage:9–16V
4.L1:3L GlobalP/NPKSMD-1005-470K-1A
3.Chargecurrent:1A
R13
1.1K
R3
0.05 W
DC+
bq2000
SLUS138D – JANUARY 2008 – REVISED DECEMBER 2009
www.ti.com
Figure 7. Single-Cell Li-Ion, 3-Cell NiCd/NiMH 1A Charger
Minimum Current (Li-Ion Only)
The bq2000 monitors the charging current during the voltage-regulation phase of Li-Ion batteries. Fast charge is
terminated when the current is tapered off to 14% of the maximum charging current.
Once constant-current fast charge has ended, the bq2000 either measures the value of the CMTO capacitor (in
the case of Nickel batteries) and then proceeds to either top-off or trickle maintenance charge or simply
completes the constant-voltage stage of fast charge (in the case of a Li-Ion cell).
Top-Off and Pulse-Trickle Maintenance Charge
An optional top-off charge is available for NiCd or NiMH batteries. Top-off may be desirable on batteries that
have a tendency to terminate charge before reaching full capacity. To enable this option, the capacitance value
of CMTO connected between the RC pin and VCC (Figure 5) should be greater than 0.13µF, and the value of the
resistor connected to this pin should be less than 250k
Ω. To disable top-off, the capacitance value should be less
than 0.07µF. The tolerance of the capacitor needs to be taken into account in component selection.
Once top-off is started, the timer is reset and top-off proceeds until the timer expires, VMCV is reached, or there is
a temperature fault. During top-off, current is delivered to the battery in pulses that occur each second. The fixed
pulse width allows an average current of 1/16 of the fast charge current to be delivered to the battery every
second. The LED is always off during top-off and trickle maintenance charge.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): bq2000


Similar Part No. - BQ2000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000PN TI-BQ2000PN Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000PN-B5 TI-BQ2000PN-B5 Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000PW TI-BQ2000PW Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000PWR TI-BQ2000PWR Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000SN TI-BQ2000SN Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
More results

Similar Description - BQ2000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000 TI-BQ2000 Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI1-BQ2000T_15 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI-BQ2000T Datasheet
140Kb / 16P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
FEBRUARY 2000
logo
List of Unclassifed Man...
BQ2000T ETC1-BQ2000T Datasheet
677Kb / 18P
   Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
logo
Shenzhen Huazhimei Semi...
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
   4A Multi-Type Battery Charge Management IC
logo
Texas Instruments
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com