Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8412902LA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 8412902LA
Description  HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

8412902LA Datasheet(HTML) 2 Page - Texas Instruments

  8412902LA Datasheet HTML 1Page - Texas Instruments 8412902LA Datasheet HTML 2Page - Texas Instruments 8412902LA Datasheet HTML 3Page - Texas Instruments 8412902LA Datasheet HTML 4Page - Texas Instruments 8412902LA Datasheet HTML 5Page - Texas Instruments 8412902LA Datasheet HTML 6Page - Texas Instruments 8412902LA Datasheet HTML 7Page - Texas Instruments 8412902LA Datasheet HTML 8Page - Texas Instruments 8412902LA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TIBPAL20R4-15C, TIBPAL20R6-15C, TIBPAL20R8-15C
TIBPAL20R4-20M, TIBPAL20R6-20M, TIBPAL20R8-20M
HIGH-PERFORMANCE
IMPACT ™ PAL® CIRCUITS
SRPS021A − D2920, JUNE 1986 − REVISED DECEMBER 2010
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2
CLK
I
I
I
I
I
I
I
I
I
I
GND
I
I/O
I/O
Q
Q
Q
Q
I/O
I/O
I
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC
OE
TIBPAL20R4’
C SUFFIX . . . JT OR NT PACKAGE
M SUFFIX . . . JT OR W PACKAGE
(TOP VIEW)
(TOP VIEW)
11
19
12 13 14 15 16 17 18
4
10
9
8
7
6
5
I/O
20
21
22
23
24
25
3 2 1 282726
I
I
I
NC
I
I
I
Q
Q
NC
Q
Q
I/O
TIBPAL20R4’
C SUFFIX . . . FN PACKAGE
M SUFFIX . . . FK PACKAGE
NC
No internal connection
CLK
I
I
I
I
I
I
I
I
I
I
GND
I
I/O
Q
Q
Q
Q
Q
Q
I/O
I
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13 OE
11
19
12 13 14 15 16 17 18
4
10
9
8
7
6
5Q
20
21
22
23
24
25
3 2 1 282726
I
I
I
NC
I
I
I
Q
Q
NC
Q
Q
Q
VCC
(TOP VIEW)
TIBPAL20R6’
C SUFFIX . . . JT OR NT PACKAGE
M SUFFIX . . . JT OR W PACKAGE
(TOP VIEW)
TIBPAL20R6’
C SUFFIX . . . FN PACKAGE
M SUFFIX . . . FK PACKAGE
CLK
I
I
I
I
I
I
I
I
I
I
GND
I
Q
Q
Q
Q
Q
Q
Q
Q
I
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13 OE
11
19
12 13 14 15 16 17 18
4
10
9
8
7
6
5Q
20
21
22
23
24
25
3 2 1 282726
I
I
I
NC
I
I
I
Q
Q
NC
Q
Q
Q
VCC
(TOP VIEW)
TIBPAL20R8’
C SUFFIX . . . JT OR NT PACKAGE
M SUFFIX . . . JT OR W PACKAGE
(TOP VIEW)
TIBPAL20R8’
C SUFFIX . . . FN PACKAGE
M SUFFIX . . . FK PACKAGE
Pin assignments in operating mode


Similar Part No. - 8412902LA

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
84129471 HUBERSUHNER-84129471 Datasheet
1Mb / 2P
   COAXIAL CONNECTOR, QLA-01, 50 Ohm, Right angle PCB jack (female)
More results

Similar Description - 8412902LA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-25C TI-TIBPAL16L8-25C Datasheet
287Kb / 19P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-25C TI-TIBPAL20L8-25C Datasheet
184Kb / 17P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com