Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2000SN-B5 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2000SN-B5
Description  Programmable Multi-Chemistry Fast-Charge Management IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2000SN-B5 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2000SN-B5 Datasheet HTML 2Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 3Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 4Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 5Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 6Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 7Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 8Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 9Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
BAT+
bq2000
2
4
BAT
VSS
RB1
RB2
bq2000
SLUS138D – JANUARY 2008 – REVISED DECEMBER 2009
www.ti.com
Initiation and Charge Qualification
The bq2000 initiates a charge cycle when it detects
Application of power to VCC
Battery replacement
Exit from sleep mode
Capacity depletion (Li-Ion only)
Immediately following initiation, the IC enters a charge-qualification mode. The bq2000 charge qualification is
based on battery voltage and temperature. If the voltage on the BAT pin is less than the internal threshold, VLBAT,
the bq2000 enters the battery conditioning state. This condition indicates the possibility of a defective or shorted
battery pack. In an attempt to revive a fully depleted pack, the bq2000 enables the MOD pin to trickle-charge at a
rate of once every 1.0s. As explained in the section "Top-Off and Pulse-Trickle Maintenance Charge," the trickle
pulse-width is user-selectable and is set by the value of the resistance connected between the RC pin and VSS.
During charge qualification, the LED pin blinks at a 1Hz rate, indicating the pending status of the charger.
Once battery conditioning (trickle charge) has raised the voltage on the BAT pin above VLBAT, the IC enters fast
charge, if the battery temperature is within the VLTF to VHTF range. The BQ2000 will stay in the battery
conditioning state indefinitely and will not progress to fast charge until the voltage on the BAT pin is above VLBAT
and the temperature is within the VLTF and VHTF range. No timer is implemented during battery conditioning.
Battery Chemistry
The bq2000 detects the battery chemistry by monitoring the battery-voltage profile during the initial stage of the
fast charge. If the voltage on the BAT pin rises to the internal VMCV reference, the IC assumes a Li-Ion battery.
Otherwise, the bq2000 assumes a NiCd/NiMH chemistry. While in the fast charge state, the LED pin is pulled low
(the LED is on).
As shown in Figure 3, a resistor voltage-divider between the battery pack's positive terminal and VSS scales the
battery voltage. A low-pass filter then smooths out this voltage to present a clean signal to the BAT pin. In a
mixed-chemistry design, a common voltage-divider is used as long as the maximum charge voltage of the
nickel-based pack is below that of the Li-Ion pack. Otherwise, different scaling is required.
Figure 3. Battery Voltage Divider and Filter
Once the chemistry is determined, the bq2000 completes the fast charge with the appropriate charge algorithm
(Table 1). The user can customize the algorithm by programming the device using an external resistor and a
capacitor connected to the RC pin, as discussed in later sections.
NiCd and NiMH Batteries
Following charge qualification (which includes trickle charge, if required ), the bq2000 fast-charges NiCd or NiMH
batteries using a current-limited algorithm. During the fast-charge period, it monitors charge time, temperature,
and voltage for adherence to the termination criteria. This monitoring is further explained in later sections.
Following fast charge, the battery is topped off, if top-off is selected. The charging cycle ends with a trickle
maintenance-charge that continues as long as the voltage on the BAT pin remains below VMCV.
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): bq2000


Similar Part No. - BQ2000SN-B5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000SN-B5 TI-BQ2000SN-B5 Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000SN-B5TR TI-BQ2000SN-B5TR Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
More results

Similar Description - BQ2000SN-B5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000 TI-BQ2000 Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI1-BQ2000T_15 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI-BQ2000T Datasheet
140Kb / 16P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
FEBRUARY 2000
logo
List of Unclassifed Man...
BQ2000T ETC1-BQ2000T Datasheet
677Kb / 18P
   Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
logo
Shenzhen Huazhimei Semi...
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
   4A Multi-Type Battery Charge Management IC
logo
Texas Instruments
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com