Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2004PNG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2004PNG4
Description  Fast-Charge IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2004PNG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2004PNG4 Datasheet HTML 3Page - Texas Instruments BQ2004PNG4 Datasheet HTML 4Page - Texas Instruments BQ2004PNG4 Datasheet HTML 5Page - Texas Instruments BQ2004PNG4 Datasheet HTML 6Page - Texas Instruments BQ2004PNG4 Datasheet HTML 7Page - Texas Instruments BQ2004PNG4 Datasheet HTML 8Page - Texas Instruments BQ2004PNG4 Datasheet HTML 9Page - Texas Instruments BQ2004PNG4 Datasheet HTML 10Page - Texas Instruments BQ2004PNG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
If the voltage at the SNS pin is less than VSNSLO, the
MOD output is switched high to pass charge current to
the battery.
When the SNS voltage is greater than VSNSHI, the MOD
output is switched low—shutting off charging current to
the battery.
VSNSLO = 0.04
∗ VCC ± 25mV
VSNSHI = 0.05
∗ VCC ± 25mV
When used to gate an externally regulated current
source, the SNS pin is connected to VSS, and no sense
resisitor is required.
7
BD200401.eps
Timing
Control
OSC
Display
Control
Charge Control
State Machine
Discharge
Control
MOD
Control
TCO
Check
LTF
Check
A/D
EDV
Check
MCV
Check
DIS
MOD
INH
VCC VSS
BAT
SNS
TS
TCO
TM2
TM1
LED1
DCMD
DVEN
VTS - VSNS
VBAT - VSNS
LED2
DSEL
PWR
Control
Figure 3. Block Diagram
Mode 1
Charge Status
LED1
LED2
DSEL = VSS
Battery absent
Low
Low
Fast charge pending or discharge-before-charge in progress
High
High
Fast charge in progress
Low
High
Charge complete, top-off, and/or trickle
High
Low
Mode 2
Charge Status
LED1
LED2
DSEL = Floating
Battery absent, fast charge in progress or complete
Low
Low
Fast charge pending
High
Low
Discharge in progress
Low
High
Top-off in progress
High
High
Mode 3
Charge Status
LED1
LED2
DSEL = VCC
Battery absent
Low
Low
Fast charge pending or discharge-before-charge in progress
Low
1/8s high
1/8s low
Fast charge in progress
Low
High
Fast charge complete, top-off, and/or trickle
High
Low
Table 2. bq2004 LED Status Display Options
bq2004


Similar Part No. - BQ2004PNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2004PN TI-BQ2004PN Datasheet
141Kb / 16P
[Old version datasheet]   Fast-Charge IC
More results

Similar Description - BQ2004PNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2003 TI-BQ2003 Datasheet
139Kb / 15P
[Old version datasheet]   Fast-Charge IC
BQ2004 TI-BQ2004 Datasheet
141Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI1-BQ2003_12 Datasheet
482Kb / 18P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI-BQ2007 Datasheet
172Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI1-BQ2007_09 Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2031 TI-BQ2031 Datasheet
169Kb / 16P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031PN-A5 TI1-BQ2031PN-A5 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2031SN-A5TR TI1-BQ2031SN-A5TR Datasheet
370Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com