Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2010 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ2010
Description  Gas Gauge IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2010 Datasheet(HTML) 3 Page - Texas Instruments

  BQ2010_15 Datasheet HTML 1Page - Texas Instruments BQ2010_15 Datasheet HTML 2Page - Texas Instruments BQ2010_15 Datasheet HTML 3Page - Texas Instruments BQ2010_15 Datasheet HTML 4Page - Texas Instruments BQ2010_15 Datasheet HTML 5Page - Texas Instruments BQ2010_15 Datasheet HTML 6Page - Texas Instruments BQ2010_15 Datasheet HTML 7Page - Texas Instruments BQ2010_15 Datasheet HTML 8Page - Texas Instruments BQ2010_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Functional Description
General Operation
The bq2010 determines battery capacity by monitoring
the amount of charge input to or removed from a re-
chargeable battery. The bq2010 measures discharge and
charge currents, estimates self-discharge, monitors the
battery for low-battery voltage thresholds, and compen-
sates for temperature and charge/discharge rates.
The
charge measurement derives from monitoring the voltage
across a small-value series sense resistor between the
negative battery terminal and ground. The available bat-
tery charge is determined by monitoring this voltage over
time and correcting the measurement for the environ-
mental and operating conditions.
Figure 1 shows a typical battery pack application of the
bq2010 using the LED display capability as a charge-
state indicator. The bq2010 can be configured to display
capacity in either a relative or an absolute display mode.
The relative display mode uses the last measured dis-
charge capacity of the battery as the battery “full” refer-
ence. The absolute display mode uses the programmed
full count (PFC) as the full reference, forcing each seg-
ment of the display to represent a fixed amount of
charge. A push-button display feature is available for
momentarily enabling the LED display.
The bq2010 monitors the charge and discharge currents
as a voltage across a sense resistor (see RS in Figure 1).
A filter between the negative battery terminal and the
SR pin may be required if the rate of change of the bat-
tery current is too great.
3
bq2010
FG201001.eps
SEG6/PROG6
SEG5/PROG5
SEG4/PROG4
SEG3/PROG3
SEG2/PROG2
SEG1/PROG1
SR
DISP
SB
VCC
REF
bq2010
Gas Gauge IC
LCOM
VSS
EMPTY
DQ
VCC
C1
0.1 F
µ
Q1
ZVNL110A
R1
RS
RB1
RB2
Load
Charger
Indicates optional.
Directly connect to VCC across 3 or 4 cells (3 to 5.6V nominal)
with a resistor and a Zener diode to limit voltage during charge.
Otherwise, R1, C1, and Q1 are needed for regulation of >4 cells.
The value of R1 depends on the number of cells.
Programming resistors (6 max.) and ESD-protection diodes are not shown.
R-C on SR may be required, application-specific.
VCC
Figure 1. Battery Pack Application Diagram—LED Display
Not Recommended For New Designs


Similar Part No. - BQ2010_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010SN- TI-BQ2010SN- Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010SN-D107 TI-BQ2010SN-D107 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010SN-D107TR TI-BQ2010SN-D107TR Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010SN-D107TRG4 TI-BQ2010SN-D107TRG4 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010SN-N TI-BQ2010SN-N Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
More results

Similar Description - BQ2010_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com