Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2010 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ2010
Description  Gas Gauge IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2010 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ2010_15 Datasheet HTML 4Page - Texas Instruments BQ2010_15 Datasheet HTML 5Page - Texas Instruments BQ2010_15 Datasheet HTML 6Page - Texas Instruments BQ2010_15 Datasheet HTML 7Page - Texas Instruments BQ2010_15 Datasheet HTML 8Page - Texas Instruments BQ2010_15 Datasheet HTML 9Page - Texas Instruments BQ2010_15 Datasheet HTML 10Page - Texas Instruments BQ2010_15 Datasheet HTML 11Page - Texas Instruments BQ2010_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
The compensation factors during discharge are:
Temperature compensation during discharge also takes
place. At lower temperatures, the compensation factor in-
creases by 0.05 for each 10°C temperature step below 10°C.
Comp. factor = 1.0 + (0.05 * N)
Where N = Number of 10°C steps below 10°C and
-150mV < VSR <0.
For example:
T > 10°C : Nominal compensation, N = 0
0°C<T< 10°C: N = 1 (i.e., 1.0 becomes 1.05)
-10°C<T<0°C: N=2 (i.e., 1.0 becomes 1.10)
-20°C<T< -10°C: N = 3 (i.e., 1.0 becomes 1.15)
-20°C<T< -30°C: N = 4 (i.e., 1.0 becomes 1.20)
Self-Discharge Compensation
The self-discharge compensation is programmed for a nomi-
nal rate of 1
64
* NAC,
1
47
* NAC per day, or disabled. This is
the rate for a battery within the 20–30°C temperature
range (TMPGG = 6x). This rate varies across 8 ranges from
<10°C to >70°C, doubling with each higher temperature
step (10°C). See Table 3.
Digital Magnitude Filter
The bq2010 has a programmable digital filter to elimi-
nate charge and discharge counting below a set thresh-
old.
The default setting is -0.30mV for VSRD and
+0.38mV for VSRQ. The proper digital filter setting can
be calculated using the following equation.
Table 4
shows typical digital filter settings.
VSRD (mV) = -45 / DMF
VSRQ (mV) = -1.25 * VSRD
Error Summary
Capacity Inaccurate
The LMD is susceptible to error on initialization or if no
updates occur.
On initialization, the LMD value in-
cludes the error between the programmed full capacity
and the actual capacity. This error is present until a
valid discharge occurs and LMD is updated (see the
DCR description on page 7). The other cause of LMD er-
ror is battery wear-out. As the battery ages, the meas-
ured capacity must be adjusted to account for changes in
actual battery capacity.
A Capacity Inaccurate counter (CPI) is maintained and
incremented each time a valid charge occurs (qualified
by NAC; see the CPI register description) and is reset
whenever LMD is updated from the DCR. The counter
does not wrap around but stops counting at 255. The ca-
pacity inaccurate flag (CI) is set if LMD has not been
updated following 64 valid charges.
Current-Sensing Error
Table 5 illustrates the current-sensing error as a func-
tion of VSR. A digital filter eliminates charge and dis-
charge counts to the NAC register when VSRO (VSR +
VOS) is between VSRQ and VSRD.
Communicating With the bq2010
The bq2010 includes a simple single-pin (DQ plus re-
turn) serial data interface. A host processor uses the in-
terface to access various bq2010 registers. Battery char-
acteristics may be easily monitored by adding a single
contact to the battery pack. The open-drain DQ pin on
8
bq2010
Temperature
Range
Typical Rate
PROG5 = Z
PROG5 = L
< 10°C
NAC
256
NAC
188
10–20°C
NAC
128
NAC
94
20–30°C
NAC
64
NAC
47
30–40°C
NAC
32
NAC
23.5
40–50°C
NAC
16
NAC
11.8
50–60°C
NAC
8
NAC
5.88
60–70°C
NAC
4
NAC
2.94
> 70°C
NAC
2
NAC
1.47
Table 3. Self-Discharge Compensation
Approximate
VSR Threshold
Discharge
Compensation
Factor
Efficiency
VSR > -150 mV
1.00
100%
VSR < -150 mV
1.05
95%
DMF
DMF
Hex.
VSRD
(mV)
VSRQ
(mV)
75
4B
-0.60
0.75
100
64
-0.45
0.56
150 (default)
96
-0.30
0.38
175
AF
-0.26
0.32
200
C8
-0.23
0.28
Table 4. Typical Digital Filter Settings
Not Recommended For New Designs


Similar Part No. - BQ2010_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010SN- TI-BQ2010SN- Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010SN-D107 TI-BQ2010SN-D107 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010SN-D107TR TI-BQ2010SN-D107TR Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010SN-D107TRG4 TI-BQ2010SN-D107TRG4 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010SN-N TI-BQ2010SN-N Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
More results

Similar Description - BQ2010_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com