Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2005S Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2005S
Description  Fast- Charge IC for Dual-Bat tery Packs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2005S Datasheet(HTML) 5 Page - Texas Instruments

  BQ2005S Datasheet HTML 1Page - Texas Instruments BQ2005S Datasheet HTML 2Page - Texas Instruments BQ2005S Datasheet HTML 3Page - Texas Instruments BQ2005S Datasheet HTML 4Page - Texas Instruments BQ2005S Datasheet HTML 5Page - Texas Instruments BQ2005S Datasheet HTML 6Page - Texas Instruments BQ2005S Datasheet HTML 7Page - Texas Instruments BQ2005S Datasheet HTML 8Page - Texas Instruments BQ2005S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
- V Termination
If the DVEN input is high, the bq2005 samples the volt-
age at the BAT pin once every 34s.
If VCELL is lower
than any previously measured value by 12mV
±4mV,
fast charge is terminated. The -
∆V test is valid in the
range VMCV - (0.2
∗ VCC)<VCELL <VMCV.
Voltage Sampling
Each sample is an average of 16 voltage measurements
taken 57
µs a part. The resulting sample period
(18.18ms) filters out harmonics around 55Hz. This tech-
nique minimizes the effect of any AC line ripple that
may feed through the power supply from either 50Hz or
60Hz AC sources. Tolerance on all timing is
±16%.
Voltage Termination Hold-off
A hold-off period occurs at the start of fast charging.
During the hold-off period, -
∆V termination is disabled.
This avoids premature termination on the voltage spikes
sometimes produced by older batteries when fast-charge
current is first applied.
∆T/∆t, maximum voltage and
maximum temperature terminations are not affected by
the hold-off period.
T/ t Termination
The bq2005 samples at the voltage at the TS pin every
34s, and compares it to the value measured two samples
earlier. If VTEMP has fallen 16mV
±4mV or more, fast
charge is terminated.
The
∆T/∆t termination test is
valid only when VTCO <VTEMP <VLTF.
Temperature Sampling
Each sample is an average of 16 voltage measurements
taken 57
µs apart. The resulting sample period
(18.18ms) filters out harmonics around 55Hz. This tech-
nique minimizes the effect of any AC line ripple that
may feed through the power supply from either 50Hz or
60Hz AC sources. Tolerance on all timing is
±16%.
Maximum Voltage, Temperature, and Time
Anytime VCELL rises above VMCV, CHG goes high (the LED
goes off) immediately. If the bq2005 is not in the voltage
hold-off period, fast charging also ceases immediately.
If
VCELL then falls back below VMCV before t MCV =1s
(maximum), the chip transitions to the Charge Complete
state (maximum voltage termination).
If VCELL remains
above VMCV at the expiration of tMCV, the bq2005 transi-
tions to the Battery Absent state (battery removal).
See
Figure 4.
Maximum temperature termination occurs anytime the
voltage on the TS pin falls below the temperature cut-off
threshold VTCO. Charge will also be terminated if VTEMP
rises above the minimum temperature fault threshold,
VLTF, after fast charge begins.
Maximum charge time is configured using the TM pin.
Time settings are available for corresponding charge
rates of C/4, C/2, 1C, and 2C. Maximum time-out termi-
nation is enforced on the fast-charge phase, then reset,
and enforced again on the top-off phase, if selected.
There is no time limit on the trickle-charge phase.
Top-off Charge
An optional top-off charge phase may be selected to
follow fast charge termination for the C/2 through 4C
rates. This phase may be necessary on NiMH or other
5
Corresponding
Fast-Charge Rate
TM1
TM2
Typical Fast-Charge
and Top-Off
Time Limits
Typical -
∆ V/MCV
Hold-Off
Time (seconds)
Top-Off
Rate
C/4
Low
Low
360
137
Disabled
C/2
Float
Low
180
820
Disabled
1C
High
Low
90
410
Disabled
2C
Low
Float
45
200
Disabled
4C
Float
Float
23
100
Disabled
C/2
High
Float
180
820
C/16
1C
Low
High
90
410
C/8
2C
Float
High
45
200
C/4
4C
High
High
23
100
C/2
Note:
Typical conditions = 25°C, VCC = 5.0V.
Table 1. Fast Charge Safety Time/Hold-Off/Top-Off Table
bq2005


Similar Part No. - BQ2005S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2005S TI-BQ2005S Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
BQ2005SG4 TI-BQ2005SG4 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
BQ2005STR TI-BQ2005STR Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
BQ2005STRG4 TI-BQ2005STRG4 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
More results

Similar Description - BQ2005S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2005 TI-BQ2005 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
BQ2004 TI1-BQ2004_16 Datasheet
617Kb / 22P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI-BQ2003 Datasheet
139Kb / 15P
[Old version datasheet]   Fast-Charge IC
BQ2004 TI-BQ2004 Datasheet
141Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI1-BQ2003_12 Datasheet
482Kb / 18P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI-BQ2007 Datasheet
172Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI1-BQ2007_09 Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2031 TI-BQ2031 Datasheet
169Kb / 16P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031PN-A5 TI1-BQ2031PN-A5 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com