Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2014 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2014
Description  Gas Gauge IC with External Charge Control
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2014 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2014 Datasheet HTML 2Page - Texas Instruments BQ2014 Datasheet HTML 3Page - Texas Instruments BQ2014 Datasheet HTML 4Page - Texas Instruments BQ2014 Datasheet HTML 5Page - Texas Instruments BQ2014 Datasheet HTML 6Page - Texas Instruments BQ2014 Datasheet HTML 7Page - Texas Instruments BQ2014 Datasheet HTML 8Page - Texas Instruments BQ2014 Datasheet HTML 9Page - Texas Instruments BQ2014 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
determined by multiplying the rated battery capac-
ity in mAh by the sense resistor value:
Battery capacity (mAh) * sense resistor (Ω) =
PFC (mVh)
Selecting a PFC slightly less than the rated capac-
ity for absolute mode provides capacity above the
full reference for much of the battery's life.
Example: Selecting a PFC Value
Given:
Sense resistor = 0.1
Number of cells = 6
Capacity = 2200mAh, NiCd battery
Current range = 50mA to 2A
Relative display mode
Serial port only
Self-discharge = C
64
Voltage drop over sense resistor = 5mV to 400mV
Therefore:
2200mAh
∗ 0.1Ω = 220mVh
Select:
PFC = 33792 counts or 211mVh
PROG1 = float
PROG2 = float
PROG3 = float
PROG4 = low
PROG5 = float
DONE = low
6
bq2014
PROGx
Programmed
Full
Count
(PFC)
PROG4 = L
PROG4 = Z
Units
1
2
PROG3 = H
PROG3 = Z PROG3 = L PROG3 = H PROG3 = Z PROG3 = L
--
-
Scale =
1/80
Scale =
1/160
Scale =
1/320
Scale =
1/640
Scale =
1/1280
Scale =
1/2560
mVh/
count
H
H
49152
614
307
154
76.8
38.4
19.2
mVh
H
Z
45056
563
282
141
70.4
35.2
17.6
mVh
H
L
40960
512
256
128
64.0
32.0
16.0
mVh
Z
H
36864
461
230
115
57.6
28.8
14.4
mVh
Z
Z
33792
422
211
106
53.0
26.4
13.2
mVh
Z
L
30720
384
192
96.0
48.0
24.0
12.0
mVh
L
H
27648
346
173
86.4
43.2
21.6
10.8
mVh
L
Z
25600
320
160
80.0
40.0
20.0
10.0
mVh
L
L
22528
282
141
70.4
35.2
17.6
8.8
mVh
VSR equivalent to 2
counts/s (nom.)
90
45
22.5
11.25
5.6
2.8
mV
Table 2. bq2014 Programmed Full Count mVh Selections
Pin Connection
PROG5 Self-Discharge Rate
DISP Display State
H
Disabled
LED disabled
Z
NAC
64
LED enabled on discharge when
VSRO < -4mV or during a valid charge
L
NAC
47
LED on
Table 1. bq2014 Programming
Not Recommended For New Designs


Similar Part No. - BQ2014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2014 TI-BQ2014 Datasheet
236Kb / 22P
[Old version datasheet]   Gas Gauge IC with External Charge Control
BQ2014H TI-BQ2014H Datasheet
185Kb / 22P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014H TI1-BQ2014H Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014HSN TI-BQ2014HSN Datasheet
185Kb / 22P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014HSN TI1-BQ2014HSN Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
More results

Similar Description - BQ2014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2014 TI-BQ2014 Datasheet
236Kb / 22P
[Old version datasheet]   Gas Gauge IC with External Charge Control
BQ2012 TI1-BQ2012_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC With Slow-Charge Control
BQ2012 TI-BQ2012 Datasheet
188Kb / 20P
[Old version datasheet]   Gas Gauge IC With Slow-Charge Control
BQ2164 TI-BQ2164 Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2114 TI-BQ2114 Datasheet
659Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Charge-Control Output
BQ2112 TI-BQ2112 Datasheet
749Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Slow-Charge Control
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
STMicroelectronics
STC3117 STMICROELECTRONICS-STC3117 Datasheet
839Kb / 34P
   Gas gauge IC with battery charger control for handheld applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com