Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2022 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ2022
Description  1K-BIT SERIAL EPROM WITH SDQ INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2022 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ2022_13 Datasheet HTML 4Page - Texas Instruments BQ2022_13 Datasheet HTML 5Page - Texas Instruments BQ2022_13 Datasheet HTML 6Page - Texas Instruments BQ2022_13 Datasheet HTML 7Page - Texas Instruments BQ2022_13 Datasheet HTML 8Page - Texas Instruments BQ2022_13 Datasheet HTML 9Page - Texas Instruments BQ2022_13 Datasheet HTML 10Page - Texas Instruments BQ2022_13 Datasheet HTML 11Page - Texas Instruments BQ2022_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
WRITE MEMORY
bq2022
SLUS526F – OCTOBER 2002 – REVISED DECEMBER 2006
Read EPROM
Initialization and ROM
READ MEMORY Command
Address Low
Address High
Read and
Memory Until End
Read and
Command
F0h
Byte
Byte
Verify CRC
of EPROM
Verify CRC
Sequence
Memory
A0
A7 A8
A15
Figure 8. READ MEMORY/Field CRC
The WRITE MEMORY command is used to program the 1024-bit EPROM memory field. The 1024-bit memory
field is programmed in 8-byte segments. Data is first written into an 8-byte RAM buffer one byte at a time. The
contents of the RAM buffer is then ANDed with the contents of the EPROM memory field when the programming
command is issued.
Figure 9 illustrates the sequence of events for programming the EPROM memory field. After issuing a ROM
command, the host issues the WRITE MEMORY command, 0Fh, followed by the low byte and then the high
byte of the starting address. The bq2022 calculates and transmits an 8-bit CRC based on the WRITE command
and address.
If at any time during the WRITE MEMORY process, the CRC read by the host is incorrect, a reset pulse must be
issued, and the entire sequence must be repeated.
After the bq2022 transmits the CRC, the host then transmits 8 bytes of data to the bq2022. Another 8-bit CRC is
calculated and transmitted based on the 8 bytes of data. If this CRC agrees with the CRC calculated by the host,
the host transmits the program command 5Ah and then applies the programming voltage for at least 2500
µs or
tEPROG. The contents of the RAM buffer is then logically ANDed with the contents of the 8-byte EPROM offset by
the starting address.
The starting address can be any integer multiple of eight between 0000 and 007F (hex) such as 0000, 0008,
and 0010 (hex).
The WRITE DATA MEMORY command sequence can be terminated at any point by issuing a reset pulse
except during the program pulse period tPROG.
NOTE:
The bq2022 responds with the data from the selected EPROM address sent least
significant-bit first. This response should be checked to verify the programmed byte. If
the programmed byte is incorrect, then the host must reset the part and begin the
write sequence again.
For both of these cases, the decision to continue programming is made entirely by the host, because the
bq2022 is not able to determine if the 8-bit CRC calculated by the host agrees with the 8-bit CRC calculated by
the bq2022.
Prior to programming, bits in the 1024-bit EPROM data field appear as logical 1s.
8
Submit Documentation Feedback


Similar Part No. - BQ2022_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
bq2022A TI1-bq2022A Datasheet
1Mb / 37P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022ADBZR TI-BQ2022ADBZR Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022ADBZR TI1-BQ2022ADBZR Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
More results

Similar Description - BQ2022_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A_17 Datasheet
1Mb / 37P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
[Old version datasheet]   1K-BIT SERLAL EPROM WITH SDQ INTERFACE
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
[Old version datasheet]   1.5K-Bit Serial EPROM With SDQ Interface
BQ2024 TI1-BQ2024_13 Datasheet
471Kb / 22P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
logo
Aplus Intergrated Circu...
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
   4-Bit Micro-Controller With EPROM, 1K Word
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Catalyst Semiconductor
CAT33C101 CATALYST-CAT33C101 Datasheet
251Kb / 7P
   1K BIT SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com