Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2022 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ2022
Description  1K-BIT SERIAL EPROM WITH SDQ INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2022 Datasheet(HTML) 5 Page - Texas Instruments

  BQ2022 Datasheet HTML 1Page - Texas Instruments BQ2022 Datasheet HTML 2Page - Texas Instruments BQ2022 Datasheet HTML 3Page - Texas Instruments BQ2022 Datasheet HTML 4Page - Texas Instruments BQ2022 Datasheet HTML 5Page - Texas Instruments BQ2022 Datasheet HTML 6Page - Texas Instruments BQ2022 Datasheet HTML 7Page - Texas Instruments BQ2022 Datasheet HTML 8Page - Texas Instruments BQ2022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
HOST
bq2022
VPU
CPU
1
Communications
Controller
2
SDQ
3
VSS
VSS
UDG-02055
Serial Communication
Initialization
ROM COMMANDS
READ ROM
0
1
1
0
0
0
1
1
CRC (1 BYTE)
Reset
and
Presence
Signals
Read ROM (33h)
Family Code and Identification
Number (7 BYTES)
MATCH ROM
bq2022
SLUS526F – OCTOBER 2002 – REVISED DECEMBER 2006
Figure 1. Typical Applications Circuit
A host reads, programs, or checks the status of the bq2022 through the hierarchical command structure of the
SDQ interface. Figure 2 shows that the host must first issue a ROM command before the EPROM memory or
status can be read or modified. The ROM command either selects a specific device when multiple devices are
on the SDQ bus, or skips the selection process in single SDQ device applications.
Hidden para to force some space before figure 2 in the PDF.
Initialization
ROM Command Sequence
Memory/Status Command Sequence
Figure 2. General Command Sequence
Initialization consists of two pulses, the RESET and the PRESENCE pulses. The host generates the RESET
pulse, while the bq2022 responds with the PRESENCE pulse. The host resets the bq2022 by driving the DATA
bus low for at least 480
µs. For more details, see the RESET section under SDQ Signaling.
The READ ROM command sequence is the fastest sequence that allows the host to read the 8-bit family code
and 48-bit identification number. It is used if only one SDQ slave device is attached to the bus. The READ ROM
sequence starts with the host generating the RESET pulse of at least 480
µs. The bq2022 responds with a
PRESENCE pulse. Next, the host continues by issuing the READ ROM command, 33h, and then reads the
ROM and CRC byte using the READ signaling (see the READ and WRITE signals section) during the data
frame.
Figure 3. READ ROM Sequence
The MATCH ROM command, 55h, is used by the host to select a specific SDQ device when the family code and
identification number is known. The host issues the MATCH ROM command followed by the family code, ROM
number, and the CRC byte. Only the device that matches the 64-bit ROM sequence is selected and available to
perform subsequent Memory/Status Function commands.
5
Submit Documentation Feedback


Similar Part No. - BQ2022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
[Old version datasheet]   1K-BIT SERLAL EPROM WITH SDQ INTERFACE
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
bq2022A TI1-bq2022A Datasheet
1Mb / 37P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022ADBZR TI-BQ2022ADBZR Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
More results

Similar Description - BQ2022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A_17 Datasheet
1Mb / 37P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
[Old version datasheet]   1K-BIT SERLAL EPROM WITH SDQ INTERFACE
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
[Old version datasheet]   1.5K-Bit Serial EPROM With SDQ Interface
BQ2024 TI1-BQ2024_13 Datasheet
471Kb / 22P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
logo
Aplus Intergrated Circu...
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
   4-Bit Micro-Controller With EPROM, 1K Word
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Catalyst Semiconductor
CAT33C101 CATALYST-CAT33C101 Datasheet
251Kb / 7P
   1K BIT SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com