Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2023PWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2023PWR
Description  SINGLE-WIRE ADVANCED BATTERY MONITOR IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2023PWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ2023PWR Datasheet HTML 6Page - Texas Instruments BQ2023PWR Datasheet HTML 7Page - Texas Instruments BQ2023PWR Datasheet HTML 8Page - Texas Instruments BQ2023PWR Datasheet HTML 9Page - Texas Instruments BQ2023PWR Datasheet HTML 10Page - Texas Instruments BQ2023PWR Datasheet HTML 11Page - Texas Instruments BQ2023PWR Datasheet HTML 12Page - Texas Instruments BQ2023PWR Datasheet HTML 13Page - Texas Instruments BQ2023PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
bq2023
SINGLEWIRE ADVANCED BATTERY MONITOR IC
FOR CELLULAR AND PDA APPLICATIONS
SLUS480B – MAY 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
functional description (continued)
current sense offset
The bq2023 automatically self-calibrates and compensates for current offset. The self-calibration is performed
once every hour.
gas gauge control registers
The host maintains the charge/discharge and self-discharge count registers (CCR, CTC, DCR, DTC, and SCR).
To facilitate this, the bq2023 provides the CLR register to clear an individual counter or register pair. The host
system clears a register by writing the corresponding register bit to 1. When the bq2023 completes the clear
action, the corresponding bit in the CLR register is automatically reset to 0. Clearing the DTC or CTC registers
also clears the corresponding STC or STD bit in the MODE register.
device temperature measurement
The bq2023 reports die temperature in units of
°K through register pair TEMPH-TEMPL. See the TMP register
description for more details.
register interface
Information exchange between the host system and the bq2023 is through the data register interface. See
Table 4. The register set consists of a 271-location address space of 8-bit bytes segmented into:
Table 4. bq2023 Memory Map
ADDRESS
NAME
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x010F
DCRH
Discharge-count register high byte
0x010E
DCRL
Discharge-count register low byte
0x010D
CCRH
Charge-count register high byte
0x010C
CCRL
Charge-count register low byte
0x010B
SCRH
Self-discharge count register high byte
0x010A
SCRL
Self-discharge count register low byte
0x0109
DTCH
Discharge-timer–counter register high byte
0x0108
DTCL
Discharge-timer-counter register low byte
0x0107
CTCH
Charge-timer-counter register high byte
0x0106
CTCL
Charge-timer-counter register low byte
0x0105
MODE/WOE
RSVD
SLEN
STC
STD
WOE2
WOE1
WOE0
RSVD
0x0104
CLR
RSVD
POR
STAT
CTC
DTC
SCR
CCR
DCR
0x0103
TEMPH
Temperature high byte
0x0102
TEMPL
Temperature low byte
0x0101
FED
RSVD
PAGE6
PAGE5
PAGE4
PAGE3
PAGE2
PAGE1
PAGE0
0x0100
Reserved
0x00E0-0x00FF
RAM
Page 7, 32 bytes of RAM
0x00C0-0x00DF
Flash
Page 6, 32 bytes of flash
0x00A0-0x00BF
Flash
Page 5, 32 bytes of flash
0x0080-0x009F
Flash
Page 4, 32 bytes of flash
0x0060-0x007F
Flash
Page 3, 32 bytes of flash
0x0040-0x005F
Flash
Page 2, 32 bytes of flash
0x0020-0x003F
Flash
Page 1, 32 bytes of flash
0x0000-0x001F
Flash
Page 0, 32 bytes of flash
Not Recommended for New Designs


Similar Part No. - BQ2023PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2023PW TI-BQ2023PW Datasheet
330Kb / 27P
[Old version datasheet]   SINGLE-WIRE ADVANCED BATTERY MONITOR IC FOR CELLULAR AND PDA APPLICATIONS
More results

Similar Description - BQ2023PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2023 TI-BQ2023 Datasheet
330Kb / 27P
[Old version datasheet]   SINGLE-WIRE ADVANCED BATTERY MONITOR IC FOR CELLULAR AND PDA APPLICATIONS
logo
ON Semiconductor
ENA2173 ONSEMI-ENA2173 Datasheet
201Kb / 10P
   Battery Monitor IC
April, 2013
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
   Battery Monitor IC
May, 2013 Ver.1.5
LC809202F ONSEMI-LC809202F Datasheet
201Kb / 10P
   Battery Monitor IC
April, 2013
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
   CMOS IC Battery Monitor IC
logo
Vishay Siliconix
SIP31001 VISHAY-SIP31001 Datasheet
86Kb / 3P
   Battery Monitor and Protective Discharge IC
Rev. A, 20-Feb-17
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
   Battery Cell Monitor and Balancer IC
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
   Battery Cell Monitor and Balancer IC
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
   1-Cell Battery Monitor Gas Gauge IC
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
   Battery monitor IC with Coulomb counter/gas gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com