Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2040SN Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ2040SN
Description  Gas Gauge IC With SMBus Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2040SN Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ2040SN Datasheet HTML 6Page - Texas Instruments BQ2040SN Datasheet HTML 7Page - Texas Instruments BQ2040SN Datasheet HTML 8Page - Texas Instruments BQ2040SN Datasheet HTML 9Page - Texas Instruments BQ2040SN Datasheet HTML 10Page - Texas Instruments BQ2040SN Datasheet HTML 11Page - Texas Instruments BQ2040SN Datasheet HTML 12Page - Texas Instruments BQ2040SN Datasheet HTML 13Page - Texas Instruments BQ2040SN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Error Summary
Capacity Inaccurate
The FCC is susceptible to error on initialization or if no
updates occur. On initialization, the FCC value includes
the error between the design capacity and the actual ca-
pacity. This error is present until a qualified discharge
occurs and FCC is updated (see the DCR description).
The other cause of FCC error is battery wear-out. As the
battery ages, the measured capacity must be adjusted to
account for changes in actual battery capacity. Periodic
qualified discharges from full to empty will minimize er-
rors in FCC.
Current-Sensing Error
Table 3 illustrates the current-sensing error as a func-
tion of VSR. A digital filter eliminates charge and dis-
charge counts to the RM register when -VSRD <VSRO <
+VSRD.
Display
The bq2040 can directly display capacity information us-
ing low-power LEDs. The bq2040 displays the battery
charge state in either absolute or relative mode. In rela-
tive mode, the battery charge is represented as a per-
centage of the FCC. Each LED segment represents 25%
of the FCC.
In absolute mode, each segment represents a fixed
amount of charge, 25% of the DesignCapacity. As the
battery wears out over time, it is possible for the FCC to
be below the design capacity.
In this case, all of the
LEDs may not turn on in absolute mode, representing
the reduction in the actual battery capacity.
When DISP is tied to VCC, the LED1-4 outputs are inac-
tive. When DISP is left floating, the display becomes ac-
tive whenever the bq2040 detects a charge rate of
100mA or more. When pulled low, the segment outputs
become active immediately for a period of approximately
4 seconds. The DISP pin must be returned to float or
VCC to reactivate the display.
LED1 blinks at a 4Hz rate indicating a low battery con-
dition whenever the display is active, EDVF is not set,
and Remaining_Capacity_Alarm is set. VSB below EDVF
(EDVF = 1) disables the display output.
Microregulator
The bq2040 can operate directly from three nickel chem-
istry cells. To facilitate the power supply requirements
of the bq2040, an REF output is provided to regulate an
external low-threshold n-FET. A micropower source for
the bq2040 can be built inexpensively using a 2N7002 or
BSS138 FET and an external resistor. (See Figure 1.)
The value of R11 depends on the battery pack’s nominal
voltage.
Communicating With the bq2040
The bq2040 includes a simple two-pin (SMBC and
SMBD) bi-directional serial data interface. A host proc-
essor uses the interface to access various bq2040 regis-
ters; see Table 4. This method allows battery character-
istics to be monitored easily. The open-drain SMBD and
SMBC pins on the bq2040 are pulled up by the host sys-
tem, or may be connected to VSS, if the serial interface is
not used.
The interface uses a command-based protocol, where the
host processor sends the battery address and an eight-
bit command byte to the bq2040. The command directs
the bq2040 to either store the next data received to a
register specified by the command byte or output the
data specified by the command byte.
bq2040 Data Protocols
The host system, acting in the role of a Bus master, uses
the read word and write word protocols to communicate
integer data with the bq2040. (See Figure 3).
Host-to-bq2040 Message Protocol
The Bus Host communicates with the bq2040 using one
of three protocols:
n
Read word
n
Write word
10
bq2040
Symbol
Parameter
Typical
Maximum
Units
Notes
VOS
Offset referred to VSR
± 75
± 150
µV
DISP = VCC.
INL
Integrated non-linearity
error
± 1
± 4
%
Add 0.1% per °C above or below 25°C
and 1% per volt above or below 4.25V.
INR
Integrated non-
repeatability error
± 0.5
± 1
%
Measurement repeatability given
similar operating conditions.
Table 3. bq2040 Current-Sensing Errors
Not Recommended For New Designs


Similar Part No. - BQ2040SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040SN TI-BQ2040SN Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN-C408 TI-BQ2040SN-C408 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN-C408TR TI-BQ2040SN-C408TR Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN-D111 TI-BQ2040SN-D111 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN-D111TR TI-BQ2040SN-D111TR Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
More results

Similar Description - BQ2040SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2092 TI-BQ2092 Datasheet
213Kb / 28P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092 TI1-BQ2092_15 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com