Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2040SN Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ2040SN
Description  Gas Gauge IC With SMBus Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2040SN Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2040SN Datasheet HTML 7Page - Texas Instruments BQ2040SN Datasheet HTML 8Page - Texas Instruments BQ2040SN Datasheet HTML 9Page - Texas Instruments BQ2040SN Datasheet HTML 10Page - Texas Instruments BQ2040SN Datasheet HTML 11Page - Texas Instruments BQ2040SN Datasheet HTML 12Page - Texas Instruments BQ2040SN Datasheet HTML 13Page - Texas Instruments BQ2040SN Datasheet HTML 14Page - Texas Instruments BQ2040SN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
n
Read block
The particular protocol used is a function of the com-
mand. The protocols used are shown in Figure 3.
Host-to-bq2040 Messages (see Table 4)
ManufacturerAccess() (0x00)
This read/write word is an open location.
Input/Output: word.
RemainingCapacityAlarm() (0x01)
This function sets or returns the low-capacity alarm
value.
When RM falls below the RemainingCapac-
ityAlarm value initialized from the external EE-
PROM, the Remaining_Capacity_Alarm bit is set in
BatteryStatus. The system may alter this alarm dur-
ing operation.
Input/Output: unsigned integer. This sets/returns
the value where the Remaining_Capacity_Alarm
bit is set in Battery Status.
Units: mAh
Range: 0 to 65,535mAh
RemainingTimeAlarm() (0x02)
This function sets or returns the low remaining time
alarm value. When the AverageTimeToEmpty falls be-
low this value, the Remaining_Time_Alarm bit in Bat-
teryStatus is set. The default value for this register is
programmed in EE 0x02-0x03.. The system may alter
this alarm during operation.
Input/Output: unsigned integer. This sets/returns
the value where the Remaining_Time_Alarm bit is
set in Battery Status.
Units: minutes
Range: 0 to 65,535 minutes
BatteryMode() (0x03)
This read/write word selects the various battery opera-
tional modes. The bq2040 supports the battery capacity
information specified in mAh. This function also deter-
mines whether the bq2040 charging values are broad-
casted to the Smart Battery Charger address.
Writing bit 14 to 1 disables voltage and current Master
Mode broadcasts to the Smart Battery Charger. Bit 14 is
automatically reset to 0 if SMBC and SMBD = 0 for
greater than 2 seconds (i.e. pack removal).
Writing bit 13 to 1 disables all Master Mode broadcasts
including alarm messages to the Smart Battery Charger
and Host. The bit remains set until overwritten. Pro-
gramming bit 3 of FLAGS2 in the EEPROM (EE0x3f)
initializes this bit to a 1.
Bit 7 is the condition request flag. It is set when the
bq2040 is initialized from the EEPROM and reset when a
learning cycle has been completed. It is also set toa1if
CycleCount increases by 32 without a new learning cycle.
AtRate() (0x04)
This read/write word is the first half of a two-function
set used to set the AtRate value used in calculations
made by the AtRateTimeToFull and AtRateTime-
ToEmpty.
11
bq2040
FG204001.eps
S
Battery Address
0001011
0
A
Command Code
A
Data byte low
A
Data byte high
AP
1
1
8
1
8
1
8
1
1
7
1
S
Battery Address
0001011
0
A
Command Code
A
Battery Address
A
1
1
1
7
1
8
1
1
7
1
S
1
AA
1
8
1
8
P
Data byte low
Data byte high
S
Battery Address
0001011
0
A
Command Code
A
Battery Address
A
1
1
1
7
1
8
1
1
7
1
S
1
AA
1
8
1
8
Byte Count =N
Data byte 1
AA
1
8
1
8
P
Data byte 2
Data byte N
1
bq2040
System Host
Block Read
Read Word
Write Word
A – ACKNOWLEDGE
A – NOT ACKNOWLEDGE
S – START
P – STOP
Figure 3. Host Communication Protocols
Not Recommended For New Designs


Similar Part No. - BQ2040SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040SN TI-BQ2040SN Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN-C408 TI-BQ2040SN-C408 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN-C408TR TI-BQ2040SN-C408TR Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN-D111 TI-BQ2040SN-D111 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN-D111TR TI-BQ2040SN-D111TR Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
More results

Similar Description - BQ2040SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2092 TI-BQ2092 Datasheet
213Kb / 28P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092 TI1-BQ2092_15 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com