Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2024DBZRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2024DBZRG4
Description  1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2024DBZRG4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ2024DBZRG4 Datasheet HTML 1Page - Texas Instruments BQ2024DBZRG4 Datasheet HTML 2Page - Texas Instruments BQ2024DBZRG4 Datasheet HTML 3Page - Texas Instruments BQ2024DBZRG4 Datasheet HTML 4Page - Texas Instruments BQ2024DBZRG4 Datasheet HTML 5Page - Texas Instruments BQ2024DBZRG4 Datasheet HTML 6Page - Texas Instruments BQ2024DBZRG4 Datasheet HTML 7Page - Texas Instruments BQ2024DBZRG4 Datasheet HTML 8Page - Texas Instruments BQ2024DBZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
DBZP
bq2024
ACKAGE
(TOP VIEW)
SDQ
VSS
VSS
2
3
IDROM
(64bits)
EPROM
MEMORY
(1536bits)
EPROM
STATUS
(64bits)
SDQCommunications
Controllerand8-BitCRC
GenerationCircuit
Internal
Bus
RAM
Buffer
(8bytes)
SDQ
1
2
VSS
3
VSS
NC
SDQ
VSS
1
2
3
LP PACKAGE
(BOTTOMVIEW)
(3,00 mm x 3,00 mm)
Actual Size
bq2024
www.ti.com
SLUS770 – MAY 2007
1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
Check for Samples: bq2024
1
FEATURES
DESCRIPTION
The bq2024 is a 1.5K-bit serial EPROM containing a
2
1536 Bits of One-Time Programmable (OTP)
factory-programmed,
unique
48-bit
identification
EPROM For Storage Of User-Programmable
number, 8-bit CRC generation, and the 8-bit family
Configuration Data
code (09h). A 64-bit status register controls write
Factory-Programmed Unique 64-Bit
protection and page redirection.
Identification Number
The bq2024 SDQ™ interface requires only a single
Bus-Interface Architecture Allowing Multiple
connection and a ground return. The DATA pin is
bq2024's Attached to a Single Host
also the sole power source for the bq2024. The bus
Single-Wire Interface to Reduce Circuit Board
architecture allows multiple SDQ devices to be
connected to a single host.
Routing
Synchronous Communication Reduces Host
The small surface-mount package options saves
Interrupt Overhead
printed-circuit-board space, while the low cost makes
it
ideal
for
applications
such
as
battery
pack
No Standby Power Required
configuration parameters, record maintenance, asset
Address Space Backward Compatible With
tracking, product-revision status, and access-code
bq2022A
security.
8-byte RAM Buffer for Faster Write
ORDERING INFORMATION(1)
Page Address Redirection
PACKAGED DEVICES(3)
15KV IEC 61000-4-2 Air Charge on SDQ
TA
(2)
PART NUMBER
PACKAGE
STATUS
Available in a 3-Pin SOT23 Package and TO-92
–20°C to
bq2024DBZR
SOT23-3
Production
Package
70°C
bq2024LPR
TO-92
Preview
APPLICATIONS
(1)
For the most current package and ordering information, see
the Package Option Addendum at the end of this document,
Security Encoding
or see the TI Web site at www.ti.com.
Inventory Tracking
(2)
Device specified to communicate at –40°C to 85°C.
(3)
The device is available only in tape and reel with a base
Product-Revision Maintenance
quantity of 3000 units for the bq2024DBZR and 2000 units for
Battery-Pack Identification
the bq2024LPR.
BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SDQ is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ2024DBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2024DBZR TI-BQ2024DBZR Datasheet
317Kb / 19P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
More results

Similar Description - BQ2024DBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
[Old version datasheet]   1.5K-Bit Serial EPROM With SDQ Interface
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A_17 Datasheet
1Mb / 37P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI1-BQ2022_13 Datasheet
308Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
[Old version datasheet]   1K-BIT SERLAL EPROM WITH SDQ INTERFACE
logo
Catalyst Semiconductor
CAT35C108 CATALYST-CAT35C108 Datasheet
248Kb / 7P
   8K-Bit SERIAL EPROM
logo
Maxim Integrated Produc...
MAX132 MAXIM-MAX132 Datasheet
129Kb / 16P
   짹18-Bit ADC with Serial Interface
19-0009; Rev 2; 8/95
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512 Datasheet
153Kb / 11P
   CMOS 64Kx8-Bit SPI Serial OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com