Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2040SN-C408 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2040SN-C408
Description  Gas Gauge IC With SMBus Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2040SN-C408 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2040SN-C408 Datasheet HTML 1Page - Texas Instruments BQ2040SN-C408 Datasheet HTML 2Page - Texas Instruments BQ2040SN-C408 Datasheet HTML 3Page - Texas Instruments BQ2040SN-C408 Datasheet HTML 4Page - Texas Instruments BQ2040SN-C408 Datasheet HTML 5Page - Texas Instruments BQ2040SN-C408 Datasheet HTML 6Page - Texas Instruments BQ2040SN-C408 Datasheet HTML 7Page - Texas Instruments BQ2040SN-C408 Datasheet HTML 8Page - Texas Instruments BQ2040SN-C408 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Pin Descriptions
VCC
Supply voltage input
ESCL
Serial memory clock
Output used to clock the data transfer be-
tween the bq2040 and the external non-
volatile configuration memory.
ESDA
Serial memory data and address
Bidirectional pin used to transfer address
and data to and from the bq2040 and the ex-
ternal nonvolitile configuration memory.
LED1
LED4
LED display segment outputs
Each output may drive an external LED.
VSS
Ground
SR
Sense resistor input
The voltage drop (VSR) across pins SR and
VSS is monitored and integrated over time
to interpret charge and discharge activity.
The SR input is connected to the sense re-
sistor and the negative terminal of the
battery. VSR <VSS indicates discharge, and
VSR >VSS indicates charge. The effective
voltage drop, VSRO, as seen by the bq2040
is VSR +VOS. (See Table 3.)
DISP
Display control input
DISP high disables the LED display. DISP
floating allows the LED display to be active
during charge if the rate is greater than
100mA. DISP low activates the display for
4 seconds.
SB
Secondary battery input
Monitors the pack voltage through a high-
impedance resistor divider network.
The
pack voltage is reported in the SBD register
function Voltage (0x09) and is monitored for
end-of-discharge voltage and charging volt-
age parameters.
PSTAT
Protector status input
Provides overvoltage status from the Li-Ion
protector circuit and can initiate a charge sus-
pend request.
SMBD
SMBus data
Open-drain bidirectional pin used to transfer
address and data to and from the bq2040.
SMBC
SMBus clock
Open-drain bidirectional pin used to clock
the data transfer to and from the bq2040.
REF
Reference output for regulator
REF provides a reference output for an op-
tional FET-based micro-regulator.
VOUT
Supply output
Supplies power to the external EEPROM con-
figuration memory.
2
bq2040
Not Recommended For New Designs


Similar Part No. - BQ2040SN-C408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040SN-C408 TI-BQ2040SN-C408 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN-C408TR TI-BQ2040SN-C408TR Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
More results

Similar Description - BQ2040SN-C408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2092 TI-BQ2092 Datasheet
213Kb / 28P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092 TI1-BQ2092_15 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com