Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2054 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2054
Description  Lithium Ion Fast-Charge IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2054 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2054 Datasheet HTML 2Page - Texas Instruments BQ2054 Datasheet HTML 3Page - Texas Instruments BQ2054 Datasheet HTML 4Page - Texas Instruments BQ2054 Datasheet HTML 5Page - Texas Instruments BQ2054 Datasheet HTML 6Page - Texas Instruments BQ2054 Datasheet HTML 7Page - Texas Instruments BQ2054 Datasheet HTML 8Page - Texas Instruments BQ2054 Datasheet HTML 9Page - Texas Instruments BQ2054 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Fast charge terminates when the charging current drops
below a minimum current threshold programmed by the
value of ITERM (see Table 2) and remains below that
level for 120
± 40ms.
Figure 3 shows the bq2054 configured for display mode 2
and IMIN =IMAX/10.
Voltage and Current Monitoring
The bq2054 monitors battery pack voltage at the BAT
pin.
The user must implement a voltage divider be-
tween the positive and negative terminals of the battery
pack to present a scaled battery pack voltage to the BAT
pin. The bq2054 also uses the voltage across a sense re-
sistor (RSNS) between the negative terminal of the bat-
tery pack and ground to monitor the current into the
pack. See Figure 4 for the configuration of this network.
The resistor values are calculated from the following:
Equation 1
RB1
RB2
NV
V
REG
=−
*
.
205
1
where:
n
N = Number of cells in series
n
VREG = Desired fast-charging voltage per cell
These parameters are typically specified by the battery
manufacturer. The total resistance presented across the
battery pack by RB1 + RB2 should be between 150k
and 1M
Ω. The minimum value ensures that the divider
network does not drain the battery excessively when the
power source is disconnected. Exceeding the maximum
value increases the noise susceptibility of the BAT pin.
The current sense resistor, RSNS (see Figure 5), deter-
mines the fast charge current.
The value of RSNS is
given by the following:
Equation 2
I
V
R
MAX
SNS
=
0 250
.
where:
n
IMAX = Desired maximum charge current
Hold-Off Period
Both VHCO and IMIN terminations are ignored during
the first 1.33
± 0.19 seconds of both the Charge Qualifi-
cation and Fast Charge phases. This condition prevents
premature termination due to voltage spikes that may
occur when charge is first applied.
6
bq2054
Table 2. IMIN Termination Thresholds
ITERM
IMIN
0IMAX/10
1IMAX/20
Float
IMAX/30


Similar Part No. - BQ2054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2054PN TI-BQ2054PN Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2054SN TI-BQ2054SN Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
More results

Similar Description - BQ2054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com