Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2054PN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2054PN
Description  Lithium Ion Fast-Charge IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2054PN Datasheet(HTML) 5 Page - Texas Instruments

  BQ2054PN Datasheet HTML 1Page - Texas Instruments BQ2054PN Datasheet HTML 2Page - Texas Instruments BQ2054PN Datasheet HTML 3Page - Texas Instruments BQ2054PN Datasheet HTML 4Page - Texas Instruments BQ2054PN Datasheet HTML 5Page - Texas Instruments BQ2054PN Datasheet HTML 6Page - Texas Instruments BQ2054PN Datasheet HTML 7Page - Texas Instruments BQ2054PN Datasheet HTML 8Page - Texas Instruments BQ2054PN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Charge Status Display
Charge status is enunciated by the LED driver outputs
LED1–LED3. Three display modes are available in the
bq2054; the user selects a display mode by configuring
pin DSEL. Table 1 shows the three display modes.
The bq2054 does not distinguish between an over-
voltage fault and a “battery absent” condition.
The
bq2054 enters the Fault state, enunciated by turning on
LED3, whenever the battery is absent. The bq2054,
therefore, gives an indication that the charger is on even
when no battery is in place to be charged.
Configuring the Display Mode and IMIN
DSEL/LED2 is a bi-directional pin with two functions; it
is an LED driver pin as an output and a programming
pin as an input. The selection of pull-up, pull-down, or
no pull resistor programs the display mode on DSEL per
Table 1. The bq2054 latches the programming data
sensed on the DSEL input when any one of the following
three events occurs:
1.
VCC rises to a valid level.
2.
The bq2054 leaves the Fault state.
3.
The bq2054 detects battery insertion.
The LEDs go blank for approximately 750ms (typical)
while new programming data is latched.
5
bq2054
Mode
Charge Action State
LED1
LED2
LED3
DSEL = 0
(Mode 1)
Battery absent or over-voltage fault
Low
Low
High
Pre-charge qualification
Flash
Low
Low
Fast charging
High
Low
Low
Charge complete
Low
High
Low
Charge pending (temperature out of range)
X
X
Flash
Charging fault
X
X
High
DSEL = 1
(Mode 2)
Battery absent or over-voltage fault
Low
Low
High
Pre-charge qualification
High
High
Low
Fast charge
Low
High
Low
Charge complete
High
Low
Low
Charge pending (temperature out of range)
X
X
Flash
Charging fault
X
X
High
DSEL = Float
(Mode 3)
Battery absent or over-voltage fault
Low
Low
High
Pre-charge qualification
Flash
Flash
Low
Fast charge: current regulation
Low
High
Low
Fast charge: voltage regulation
High
High
Low
Charge complete
High
Low
Low
Charge pending (temperature out of range)
X
X
Flash
Charging fault
X
X
High
Note:
1 = VCC; 0 = VSS; X = LED state when fault occurred; Flash = 1
6 sec. low,
1
6 sec high.
Table 1. bq2054 Display Output Summary


Similar Part No. - BQ2054PN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054PN TI-BQ2054PN Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
More results

Similar Description - BQ2054PN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com