Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2054PNE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2054PNE4
Description  Lithium Ion Fast-Charge IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2054PNE4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ2054PNE4 Datasheet HTML 1Page - Texas Instruments BQ2054PNE4 Datasheet HTML 2Page - Texas Instruments BQ2054PNE4 Datasheet HTML 3Page - Texas Instruments BQ2054PNE4 Datasheet HTML 4Page - Texas Instruments BQ2054PNE4 Datasheet HTML 5Page - Texas Instruments BQ2054PNE4 Datasheet HTML 6Page - Texas Instruments BQ2054PNE4 Datasheet HTML 7Page - Texas Instruments BQ2054PNE4 Datasheet HTML 8Page - Texas Instruments BQ2054PNE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Features
➤ Safe charge of Lithium Ion bat-
tery packs
➤ Voltage-regulated current-
limited charging
➤ Fast charge terminated by se-
lectable minimum current; safety
backup termination on maximum
time
➤ Charging continuously qualified
by temperature and voltage lim-
its
➤ Pulse-width modulation control
ideal for high-efficiency switch-
mode power conversion
➤ Direct LED control outputs dis-
play charge status and fault con-
ditions
General Description
The bq2054 Lithium Ion Fast-
Charge IC is designed to optimize
charging of lithium ion (Li-Ion)
chemistry batteries. A flexible
pulse-width modulation regulator
allows the bq2054 to control voltage
and current during charging. The
regulator frequency is set by an ex-
ternal capacitor for design flexibility.
The switch-mode design keeps
power dissipation to a minimum.
The bq2054 measures battery tem-
perature using an external thermis-
tor for charge qualification. Charging
begins when power is applied or on
battery insertion.
For safety, the bq2054 inhibits
charging until the battery voltage
and temperature are within con-
figured limits. If the battery voltage
is less than the low-voltage thresh-
old, the bq2054 provides low-current
conditioning of the battery.
A constant current-charging phase re-
plenishes up to 70% of the charge ca-
pacity, and a voltage-regulated phase
returns the battery to full. The charge
cycle terminates when the charging
current falls below a user-selectable
current limit. For safety, charging ter-
minates after maximum time and is
suspended if the temperature is out-
side the preconfigured limits.
The bq2054 provides status indica-
tions of all charger states and faults
for accurate determination of the
battery and charge system condi-
tions.
Lithium Ion Fast-Charge IC
bq2054
TM
Time-out programming
input
ICTL
Inrush current control
output
BAT
Battery voltage input
VCOMP
Voltage loop comp input
ICOMP
Current loop comp input
ITERM
Minimum current
termination select input
SNS
Sense resistor input
TS
Temperature sense input
1
PN205401.eps
16-Pin Narrow
DIP or SOIC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LED2/DSEL
LED1
MOD
VCC
VSS
LCOM
LED3
TPWM
TM
ICTL
BAT
VCOMP
ICOMP
ITERM
SNS
TS
TPWM
Regulator timebase input
LED3
Charge status output 3
LCOM
Common LED output
VSS
System ground
VCC
5.0V
±10% power
MOD
Modulation control output
LED1
Charge status output 1
LED2/
Charge status output 2/
DSEL
Display select input
Pin Connections
Pin Names
6/99 H


Similar Part No. - BQ2054PNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054PN TI-BQ2054PN Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
More results

Similar Description - BQ2054PNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com