Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2063 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2063
Description  SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2063 Datasheet(HTML) 4 Page - Texas Instruments

  BQ2063 Datasheet HTML 1Page - Texas Instruments BQ2063 Datasheet HTML 2Page - Texas Instruments BQ2063 Datasheet HTML 3Page - Texas Instruments BQ2063 Datasheet HTML 4Page - Texas Instruments BQ2063 Datasheet HTML 5Page - Texas Instruments BQ2063 Datasheet HTML 6Page - Texas Instruments BQ2063 Datasheet HTML 7Page - Texas Instruments BQ2063 Datasheet HTML 8Page - Texas Instruments BQ2063 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
bq2063
SBS v1.1COMPLIANT LiION GASGAUGE IC
WITH PROTECTOR INTERFACE
SLUS468E− MAY 2001 − REVISED APRIL 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SMBus ac specifications, TA = −20°C to 70°C, 2.7 V < VCC < 3.7 V (unless other noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FSMB
SMBus operating frequency
Slave mode, SMBC 50% duty cycle
10
100
kHz
FMAS
SMBus master clock frequency
Master mode, no clock low slave extend
51.2
kHz
TBUF
Bus free time between start and stop
4.7
µs
THD:STA
Hold time after (repeated) start
4.0
µs
TSU:STA
Repeated start setup time
4.7
µs
TSU:STO
Stop setup time
4.0
µs
THD:DAT
Data hold time
Receive mode
0
s
THD:DAT
Data hold time
Transmit mode
300
µs
TSU:DAT
Data setup time
250
µs
TTIMEOUT
Error signal/detect
See Note 3
25
35
ms
TLOW
Clock low period
4.7
µs
THIGH
Clock high period
See Note 4
4.0
50
µs
TLOW:SEXT
Cumulative clock low slave extend time
See Note 5
25
ms
TLOW:MEXT
Cumulative clock low master extend time
See Note 6
10
ms
NOTES:
3. The bq2063 times out when any clock low exceeds TTIMEOUT
4. THIGH Max. is minimum bus idle time. SMBC = SMBD = 1 for t > 50 µs causes reset of any transaction involving bq2063 that is in
progress.
5. TLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to the stop.
6. TLOW:MEXT is the cumulative time a master device is allowed to extend the clock cycles in one message from initial start to the stop.
HDQ16 ac specifications, TA = −20°C to 70°C, 2.7 V < VCC < 3.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tCYCH
Cycle time, host to bq2063 (write)
190
µs
tCYCB
Cycle time, bq2063 to host (read)
190
205
250
µs
tSTRH
Start hold time, host to bq2063 (write)
5
µs
tSTRB
Start hold time, bq2063 to host (read)
32
µs
tDSU
Data setup time
50
µs
tDSUB
Data setup time
50
µs
t(DH)
Data hold time
100
µs
tDV
Data valid time
80
µs
tSSU
Stop setup time
145
µs
tSSUB
Stop setup time
145
µs
tRSPS
Response time, bq2063 to host
190
320
µs
tB
Break time
190
µs
tBR
Break recovery time
40
µs
Not Recommended For New Designs


Similar Part No. - BQ2063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
More results

Similar Description - BQ2063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com