Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2092SN Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2092SN
Description  Gas Gauge IC with SMBus-Like Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2092SN Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2092SN Datasheet HTML 3Page - Texas Instruments BQ2092SN Datasheet HTML 4Page - Texas Instruments BQ2092SN Datasheet HTML 5Page - Texas Instruments BQ2092SN Datasheet HTML 6Page - Texas Instruments BQ2092SN Datasheet HTML 7Page - Texas Instruments BQ2092SN Datasheet HTML 8Page - Texas Instruments BQ2092SN Datasheet HTML 9Page - Texas Instruments BQ2092SN Datasheet HTML 10Page - Texas Instruments BQ2092SN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
and can be programmed from 0 to 25% per day at
20-30°C. This rate doubles every 10°C increase until T
>70
°C or is halved every 10° decrease untilT<10°C.
The self-discharge estimate reduces RM by 0.39% of its
current value at time intervals spaced so that the aver-
age reduction equals the programmed value adjusted for
temperature. The EEPROM program constant is the 2’s
complement of 52 73
.
X , where Xday
= %
self-discharge
rate desired at 25
°C.
Charge Control
The bq2092 supports SBD charge control by broadcast-
ing ChargingCurrent() and ChargingVoltage() to the
Smart Charger address. Smart Charger broadcasts can
be disabled by writing bit 14 of Battery Mode() to 1. The
bq2092-based charge control can be enabled by setting
bit 4 in FLAGS2 (MSB of 0x2f) to 1. See Programming
the bq2092 for further details. If the Fully_Charged bit
is not set in BatteryStatus, the bq2092 broadcasts the
fast charge current and voltage to the Smart Charger.
The bq2092 broadcasts the maintenance current values
(trickle rate) if the Fully_Charged bit is set or Voltage is
below EDVF.
The bq2092 internal charge control is compatible with
nickel-based and Li-Ion chemistries.
For Li-Ion, the bq2092 broadcasts the required Charg-
ingCurrent and ChargingVoltage according to the values
programmed in the external EEPROM. During a valid
charge (VQ = 1), the bq2092 signals a valid charge
termination when the Terminate_Charge_Alarm and
Fully_Charged bits are set in BatteryStatus. These bits
are set when the battery is charged more than 256mAh
above FCC.
For nickel-based chemistries, the bq2092 broadcasts the
required charge current and voltage according to the
programmed values in the external EEPROM.
Maxi-
mum temperature and
∆T/∆t are used as valid charge
termination methods. Note: Nickel-based chemistries
require a charge voltage higher than the maximum cell
voltage during charge to ensure constant-current charg-
ing. During a valid charge (VQ = 1), if the bq2092 deter-
mines a maximum temperature condition, a
∆T/∆t rate
greater than the programmed value, or a charge state
greater than 256mAh above FCC, then the Termi-
nate_Charge_Alarm, Over_Charge_Alarm, and
Fully_Charged bits are set in BatteryStatus.
Once the bq2092 detects a valid charge termination, the
Fully_Charged bit, Terminate_Charge_Alarm, and
Over_Charge_Alarm bits are set and the ChargingCurrent
is set to zero. Once the terminating condition ceases, the
Terminate_Charge_Alarm and OverCharge Alarm bits are
cleared and the ChargingCurrent is set to the maintenance
rate. The bq2092 requests the maintenance current and
charging voltage until RM falls below the full charge
percentage. Once this occurs, the Fully_Charged bit is
cleared, and the bq2092 requests the fast charging current
and charging voltage.
During fast charge, the bq2092 suspends charge by
requesting zero current and setting the Termi-
nate_Charge_Alarm bit in BatteryStatus.
Charge is
suspended if the actual charge current is 25% greater
than the programmed charged current.
If the
programmed charge current is less than 1024mA, over-
current suspend occurs if the actual charge current is
256mA greater than the programmed value. Charge is
also suspended if the actual battery voltage is 5%
greater than the programmed charge voltage.
If the
battery temperature is greater than the programmed
maximum temperature before charge, then the bq2092
suspends charge requests until the temperature falls
below 50°C.
If the battery temperature is less than 0°C, the charging
current sets to maintenance (trickle) charge current.
The fast charging current is requested when the
temperature is above 5
°C.
∆T/∆t
The
∆T/∆t used by the bq2092 is programmable in both
the temperature step (1.6
°C–4.6°C) and time step (20
seconds–320seconds). Typical settings for 1
°C/min
include 2
°C over 120 seconds and 3°C over 180 seconds.
Longer times are required for increased slope resolution.
T
t
is set by the formula: ∆
T
t
=
()
[]
lower nibble of 0 13 in E PROM
lower nibble
2
∗∗ +
216
2' s
()
[]
of 0 1f in E PROM
C
minute
2
∗∗


333
.
o
In addition to the
∆T/∆t timer, there is a hold-off timer,
which starts when the battery is being charged at more
than 256mA and the temperature is above 25
°C. (This is
valid only for NiMH chemistry, bit 5 in FLAGS2 set to
0.) Until this timer expires,
∆T/∆t is suspended. If the
temperature falls below 25
°C, or if charging current
fallls below 255mA, the timer is reset and restarts only
if the above conditions are once again met.
Safety Termination
If charging continues for more than
256mAh beyond
RM = FCC, the Terminate_Charge_Alarm and
Fully_Charged bits are set, and the charging current is
modified to request maintenance current. If the battery
is discharged from full by less than 256mAh, then the
safety overcharge termination, for NiMH only, is allowed
to extend to 512 mAh.
Updating RM after a valid charge termination, RM may
optionally be set to a value from 0 to 100% of the Full-
ChargeCapacity. If RM is below the value programmed
7
bq2092
Obsolete Device


Similar Part No. - BQ2092SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2092SN TI-BQ2092SN Datasheet
213Kb / 28P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092SN-A311 TI-BQ2092SN-A311 Datasheet
213Kb / 28P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
More results

Similar Description - BQ2092SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2092 TI-BQ2092 Datasheet
213Kb / 28P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com