Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2084RTTT-V140G4 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2084RTTT-V140G4
Description  SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2084RTTT-V140G4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2084RTTT-V140G4 Datasheet HTML 5Page - Texas Instruments BQ2084RTTT-V140G4 Datasheet HTML 6Page - Texas Instruments BQ2084RTTT-V140G4 Datasheet HTML 7Page - Texas Instruments BQ2084RTTT-V140G4 Datasheet HTML 8Page - Texas Instruments BQ2084RTTT-V140G4 Datasheet HTML 9Page - Texas Instruments BQ2084RTTT-V140G4 Datasheet HTML 10Page - Texas Instruments BQ2084RTTT-V140G4 Datasheet HTML 11Page - Texas Instruments BQ2084RTTT-V140G4 Datasheet HTML 12Page - Texas Instruments BQ2084RTTT-V140G4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
www.ti.com
GAS GAUGE OPERATION
General
bq2084-V140
SLUS664B – JULY 2005 – REVISED AUGUST 2006
FUNCTIONAL DESCRIPTION (continued)
Table 1. Data Flash Settings for Internal or External Temperature Sensor
INTERNAL TEMP
EXTERNAL TEMP SENSOR SETTING
LOCATION
SENSOR SETTING
(Semitec 103AT)
LABEL
Dec (Hex)
Dec (Hex)
Dec (Hex)
Misc. Config
42 (0x2a)
Bit 7 = 1
Bit 7 = 0
TS Const1 A3
164/5 (0xb5/6)
0 (0x0000)
–28285 (0x9183)
TS Const2 A2
166/7 (0xb7/8)
0 (0x0000)
20848 (0x5170)
TS Const3 A1
168/9 (0xb9/a)
–11136 (0xd480)
–7537 (0xe28f)
TS Const4 A0
170/1 (0xbb/c)
5734 (0x1666)
4012 (0x0fac)
Min Temp AD
172/3 (0xbd/e)
0 (0x0000)
0 (0x000)
Max Temp
174/5 (0xbf/c0)
5734 (0x1666)
4012 (0x0fac)
The operational overview in Figure 1 illustrates the gas gauge operation of the bq2084-V140. Table 3 describes
the bq2084-V140 registers.
Figure 1. bq2084-V140 Gas Gauging Operational Overview
The bq2084-V140 accumulates a measure of charge and discharge currents and estimates self-discharge of the
battery. The bq2084-V140 compensates the charge current measurement for temperature and state-of-charge of
the battery. The bq2084-V140 also adjusts the self-discharge estimation based on temperature.
The main charge counter RemainingCapacity() (RM) represents the available capacity or energy in the battery at
any given time. The bq2084-V140 adjusts RM for charge, self-discharge, and other compensation factors. The
information in the RM register is accessible through the SMBus interface and is also represented through the
LED display.
9
Submit Documentation Feedback


Similar Part No. - BQ2084RTTT-V140G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084RTTT-V143 TI-BQ2084RTTT-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084RTTT-V143 TI-BQ2084RTTT-V143 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results

Similar Description - BQ2084RTTT-V140G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V133 TI-BQ2084-V133 Datasheet
967Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com