Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z80DBTR-V110 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z80DBTR-V110
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z80DBTR-V110 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ20Z80DBTR-V110 Datasheet HTML 6Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 7Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 8Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 9Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 10Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 11Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 12Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 13Page - Texas Instruments BQ20Z80DBTR-V110 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
System Present Operation
BATTERY PARAMETER MEASUREMENTS
Charge and Discharge Counting
Voltage
Current
Auto Calibration
Temperature
COMMUNICATIONS
SMBus On and Off State
bq20z80
bq20z80A
SLUS782 – JULY 2007
FEATURE SET (continued)
The performance of the internal oscillator depends on the tolerance of the 100-k
Ω resistor between RSOC (pin
33) and VSSA (pin 34). Choose a resistor with a tolerance of
±0.1%, and 50-ppm or better temperature drift.
Place this resistor as close as possible to the bq20z80. If a 12-pF crystal is used, place it as close as possible to
the XCK1 (pin 34) and XCK2 (pin 33) pins. If not properly implemented, the PCB layout in this area can degrade
oscillator performance.
The bq20z80 pulls the PU pin high periodically (1 s). Connect this pin to the PRES pin of the bq20z80 via a
resistor of approximately 5 k
Ω. The bq20z80 measures the PRES input during the PU-active period to determine
its state. If PRES input is pulled to ground by external system, the bq20z80 detects this as system present.
The bq20z80 uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement, and a
second delta-sigma ADC for individual cell and battery voltage, and temperature measurement.
The integrating delta-sigma ADC measures the charge/discharge flow of the battery by measuring the voltage
drop across a small-value sense resistor between the SR1 and SR2 pins. The integrating ADC measures bipolar
signals from -0.25 V to 0.25 V. The bq20z80 detects charge activity when VSR = V(SR1)-V(SR2)is positive and
discharge activity when VSR = V(SR1)-V(SR2) is negative. The bq20z80 continuously integrates the signal over
time, using an internal counter. The fundamental rate of the counter is 0.65 nVh.
The bq20z80 updates the individual series cell voltages through the bq29312A at one second intervals. The
bq20z80 configures the bq29312A to connect the selected cell, cell offset, or bq29312A VREF to the CELL pin
of the bq29312A, which is required to be connected to VIN of the bq20z80. The internal ADC of the bq20z80
measures the voltage, scales and calibrates it appropriately. This data is also used to calculate the impedance
of the cell for the Impedance Track™ gas-gauging.
The bq20z80 uses the SR1 and SR2 inputs to measure and calculate the battery charge and discharge current
using a 5 m
Ω to 20 mΩ (typical) sense resistor.
The bq20z80 provides an auto-calibration feature to cancel the voltage offset error across SR1 and SR2 for
maximum charge measurement accuracy. The bq20z80 performs auto-calibration when the SMBus lines stay
low continuously for a minimum of 5 s.
The bq20z80 TS1 and TS2 inputs, in conjunction with two identical NTC thermistors (default are Semitec
103AT), measure the battery environmental temperature. The bq20z80 can also be configured to use its internal
temperature sensor.
The bq20z80 uses SMBus v1.1 with Master Mode and package error checking (PEC) options per the SBS
specification.
The bq20z80 detects an SMBus off state when SMBC and SMBD are logic-low greater than an adjustable
period of time. Clearing this state requires either SMBC or SMBD to transition high. Within 1 ms, the
communication bus is available.
10
Submit Documentation Feedback
Not Recommended For New Designs


Similar Part No. - BQ20Z80DBTR-V110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80DBTR-V110 TI-BQ20Z80DBTR-V110 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80DBTR-V110 TI1-BQ20Z80DBTR-V110 Datasheet
717Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
BQ20Z80DBTR-V110G4 TI1-BQ20Z80DBTR-V110G4 Datasheet
717Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
More results

Similar Description - BQ20Z80DBTR-V110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80ADBTR TI1-BQ20Z80ADBTR Datasheet
717Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com