Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24012DRCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24012DRCR
Description  Single-Chip, Li-Ion Charge Management IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24012DRCR Datasheet(HTML) 1 Page - Texas Instruments

  BQ24012DRCR Datasheet HTML 1Page - Texas Instruments BQ24012DRCR Datasheet HTML 2Page - Texas Instruments BQ24012DRCR Datasheet HTML 3Page - Texas Instruments BQ24012DRCR Datasheet HTML 4Page - Texas Instruments BQ24012DRCR Datasheet HTML 5Page - Texas Instruments BQ24012DRCR Datasheet HTML 6Page - Texas Instruments BQ24012DRCR Datasheet HTML 7Page - Texas Instruments BQ24012DRCR Datasheet HTML 8Page - Texas Instruments BQ24012DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SET
1
2
3
4
10
9
8
5
IN
VCC
OUT
VSS
STAT1
STAT2
7
6
BAT
PG
ISET
bq24012DRC
+
BATTERY
PACK
PACK+
PACK
SYSTEM
SYSTEM
INTERFACE
CE
AC ADAPTER
bq24010, bq24012
bq24013, bq24014, bq24018
www.ti.com
SLUS530K – SEPTEMBER 2002 – REVISED JANUARY 2014
Single-Chip, Li-Ion Charge Management IC for
Handheld Applications ( bqTINY™)
Check for Samples: bq24010, bq24012, bq24013, bq24014, bq24018
1
FEATURES
DESCRIPTION
2
Small 3-mm × 3-mm MLP (QFN) Package
The bqTINY™ series are highly integrated Li-Ion and
Ideal for Low-Dropout Designs for Single-Cell
Li-Pol linear charge management devices targeted at
Li-Ion or Li-Pol Packs in Space Limited
space limited portable applications. The bqTINY™
Applications
series offer integrated powerFET and current sensor,
Integrated Power FET and Current Sensor for
reverse blocking protection, high accuracy current
and voltage regulation, charge status, and charge
Up to 1-A Charge Applications
termination, in a small package.
Reverse Leakage Protection Prevents Battery
Drainage
The bqTINY™ charges the battery in three phases:
conditioning, constant current, and constant voltage.
Integrated Current and Voltage Regulation
Charge is terminated based on minimum current. An
±0.5% Voltage Regulation Accuracy
internal charge timer provides a backup safety feature
Charge Termination by Minimum Current and
for charge termination. The bqTINY™ automatically
Time
restarts the charge if the battery voltage falls below
an internal threshold. The bqTINY™ automatically
Pre-Charge Conditioning With Safety Timer
enters sleep mode when VCC supply is removed.
Status Outputs for LED or System Interface
In addition to the standard features, different versions
Indicates Charge and Fault Conditions
of the bqTINY™ offer a multitude of additional
Battery Insertion and Removal Detection
features. These include temperature sensing input for
Works With Regulated and Unregulated
detecting hot or cold battery packs; power good (PG)
Supplies
output indicating the presence of valid input power; a
TTL-level charge-enable input (CE) used to disable or
Short-Circuit Protection
enable the charge process; and a TTL-level timer and
Charge Voltage Options: 4.2 V and 4.36 V
termination enable (TTE) input used to disable or
enable the fast-charge timer and charge termination.
APPLICATIONS
Cellular Phones
PDAs
MP3 Players
Digital Cameras
Internet Appliances
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
bqTINY is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24012DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24012DRCR TI-BQ24012DRCR Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24012DRCR TI-BQ24012DRCR Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24012DRCRG4 TI-BQ24012DRCRG4 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24012DRCRG4 TI-BQ24012DRCRG4 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
More results

Similar Description - BQ24012DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com