Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24070RHLT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24070RHLT
Description  System Power-Path Management IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24070RHLT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24070RHLT Datasheet HTML 2Page - Texas Instruments BQ24070RHLT Datasheet HTML 3Page - Texas Instruments BQ24070RHLT Datasheet HTML 4Page - Texas Instruments BQ24070RHLT Datasheet HTML 5Page - Texas Instruments BQ24070RHLT Datasheet HTML 6Page - Texas Instruments BQ24070RHLT Datasheet HTML 7Page - Texas Instruments BQ24070RHLT Datasheet HTML 8Page - Texas Instruments BQ24070RHLT Datasheet HTML 9Page - Texas Instruments BQ24070RHLT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
bq24070, bq24071
SLUS694G – MARCH 2006 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
over junction temperature range (0°C
≤ TJ ≤ 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT PIN - BATTERY SUPPLEMENT MODE
Enter battery supplement mode
VI(OUT)
VBSUP1
(battery supplements OUT current
VI(BAT)> 2 V
≤ VI(BAT)
in the presence of input source
– 60 mV
V
VI(OUT)
VBSUP2
Exit battery supplement mode
VI(BAT)> 2 V
≥ VI(BAT)
– 20 mV
OUT PIN - SHORT CIRCUIT
Current source between BAT to OUT for
IOSH1
BAT to OUT short-circuit recovery
short-circuit recovery to
10
mA
VI(OUT) ≤ VI(BAT) –200 mV
RSHIN
IN to OUT short-circuit limit
VI(OUT) ≤ 1 V
500
BAT PIN CHARGING – PRECHARGE
Precharge to fast-charge transition
V(LOWV)
Voltage on BAT
2.9
3
3.1
V
threshold
Deglitch time for fast-charge to
tFALL = 100 ns, 10 mV overdrive,
TDGL(F)
22.5
ms
precharge transition(4)
VI(BAT) decreasing below threshold
1 V < VI(BAT) < V(LOWV), t < t(PRECHG),
IO(PRECHG)
Precharge range
10
150
mA
IO(PRECHG) = (K(SET) × V(PRECHG))/ RSET
V(PRECHG)
Precharge set voltage
1 V < VI(BAT) < V(LOWV), t < t(PRECHG)
225
250
275
mV
BAT PIN CHARGING - CURRENT REGULATION
VI (BAT) > V(LOWV), Mode = High
IO(BAT)
Battery charge current range(5)
IOUT(BAT) = (K(SET) × V(SET) / RSET),
100
1000
1500
mA
VI(OUT) > VO(OUT-REG) + V(DO-MAX)
RPBAT
BAT to OUT pullup
VI (BAT)< 1 V
1000
Voltage on ISET1, VVCC ≥ 4.35 V,
Battery charge current set
V(SET)
VI(OUT)- VI(BAT) > V(DO-MAX),
2.47
2.50
2.53
V
voltage(6)
VI(BAT) > V(LOWV)
100 mA
≤ IO(BAT) ≤ 1.5 A
375
425
450
K(SET)
Charge current set factor, BAT
10 mA
≤ IO(BAT) ≤ 100 mA
(7)
300
450
600
USB MODE INPUT CURRENT LIMIT
ISET2 = Low
80
90
100
I(USB)
USB input port current range
mA
ISET2 = High
400
500
BAT PIN CHARGING VOLTAGE REGULATION, VO (BAT-REG) + V (DO-MAX) < VCC, ITERM < IBAT(OUT) ≤ 1 A
Battery charge voltage
4.2
V
VO(BAT-REG)
TA = 25°C
–0.5%
0.5%
Battery charge voltage regulation
accuracy
–1%
1%
CHARGE TERMINATION DETECTION
Charge termination detection
VI(BAT) > V(RCH),
I(TERM)
10
150
mA
range
I(TERM) = (K(SET) × V(TERM))/ RSET
VI(BAT) > V(RCH) , Mode = High
230
250
270
Charge termination set voltage,
V(TERM)
mV
measured on ISET1
VI(BAT) > V(RCH) , Mode = Low
95
100
130
tFALL = 100 ns, 10 mV overdrive,
Deglitch time for termination
TDGL(TERM)
ICHG increasing above or decreasing below
22.5
ms
detection
threshold
TEMPERATURE SENSE COMPARATORS
VLTF
High voltage threshold
Temp fault at V(TS) > VLTF
2.465
2.500
2.535
V
VHTF
Low voltage threshold
Temp fault at V(TS) < VHTF
0.485
0.500
0.515
V
ITS
Temperature sense current source
94
100
106
μA
R(TMR) = 50 kΩ, VI(BAT) increasing or
Deglitch time for temperature fault
TDGL(TF)
decreasing above and below;
22.5
ms
detection(4)
100-ns fall time, 10-mv overdrive
(4)
All deglitch periods are a function of the timer setting and is modified in DPPM or thermal regulation modes by the percentages that the
program current is reduced.
(5)
When input current remains below 2 A, the battery charging current may be raised until the thermal regulation limits the charge current.
(6)
For half-charge rate, V(SET) is 1.25 V ± 25 mV.
(7)
Specification is for monitoring charge current through the ISET1 pin during voltage regulation mode, not for a reduced fast-charge level.
6
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: bq24070 bq24071


Similar Part No. - BQ24070RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24070RHLT TI-BQ24070RHLT Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLT TI-BQ24070RHLT Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
More results

Similar Description - BQ24070RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
logo
Texas Instruments
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com