Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24045DSQR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24045DSQR
Description  Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24045DSQR Datasheet(HTML) 3 Page - Texas Instruments

  BQ24045DSQR Datasheet HTML 1Page - Texas Instruments BQ24045DSQR Datasheet HTML 2Page - Texas Instruments BQ24045DSQR Datasheet HTML 3Page - Texas Instruments BQ24045DSQR Datasheet HTML 4Page - Texas Instruments BQ24045DSQR Datasheet HTML 5Page - Texas Instruments BQ24045DSQR Datasheet HTML 6Page - Texas Instruments BQ24045DSQR Datasheet HTML 7Page - Texas Instruments BQ24045DSQR Datasheet HTML 8Page - Texas Instruments BQ24045DSQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
bq24040, bq24041, bq24045
www.ti.com
SLUS941F – SEPTEMBER 2009 – REVISED MARCH 2015
Changes from Revision C (February 2013) to Revision D
Page
Changed Feature From: Fixed 10 Hour Safety Timer To: Fixed 10 Hour Safety Timer, bq24040 and bq24045 .................. 1
Changed the OUT terminal DESCRIPTION ........................................................................................................................... 4
Changed RISET NOM value in the ROC table From: 49.9 kΩ To: 10.8 kΩ ............................................................................. 5
Changed RISET_SHORT test conditions From: RISET : 600Ω → 250Ω To: RISET : 540Ω → 250Ω ............................................... 6
Changed IOUT_CL test conditions From: RISET : 600Ω → 250Ω To: RISET : 540Ω → 250Ω ...................................................... 6
Deleted: Internally Set: bq24041 from the TERMINATION section........................................................................................ 7
Added bq24040 and bq24045 only to the BATTERY CHARGING TIMERS AND FAULT TIMERS section ......................... 9
Changed text in the ISET section From: "maximum current between 1.1A and 1.35A" To: "maximum current
between 1.05A and 1.4A" ..................................................................................................................................................... 17
Changed the Timers section................................................................................................................................................. 19
Deleted: IOUT_TERM = 54mA from the Typical Application Circuit: bq24041, with ASI and ASO conditions .......................... 27
Changes from Revision B (June 2012) to Revision C
Page
Added device bq24045 ........................................................................................................................................................... 1
Added additional KISET information to the Electrical Characteristics table.............................................................................. 7
Added graph - Load Regulation............................................................................................................................................ 10
Added graph - Line Regulation............................................................................................................................................. 10
Changes from Revision A (September 2009) to Revision B
Page
Changed all occurrences of Li-Ion To: Li-Ion and Li-Pol ........................................................................................................ 1
Changes from Original (August 2009) to Revision A
Page
Changed the status of the devices From: Product Preview To: Production Data .................................................................. 1
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq24040 bq24041 bq24045


Similar Part No. - BQ24045DSQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24045 TI-BQ24045_15 Datasheet
1Mb / 38P
[Old version datasheet]   SLUS941F ?밪EPTEMBER 2009?밨EVISED MARCH 2015
More results

Similar Description - BQ24045DSQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24040 TI-BQ24040 Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Texas Instruments
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com